Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IX2113 Datasheet(PDF) 13 Page - IXYS Corporation

Part # IX2113
Description  Outputs Capable of Sourcing and Sinking 2A
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX2113 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button IX2113 Datasheet HTML 5Page - IXYS Corporation IX2113 Datasheet HTML 6Page - IXYS Corporation IX2113 Datasheet HTML 7Page - IXYS Corporation IX2113 Datasheet HTML 8Page - IXYS Corporation IX2113 Datasheet HTML 9Page - IXYS Corporation IX2113 Datasheet HTML 10Page - IXYS Corporation IX2113 Datasheet HTML 11Page - IXYS Corporation IX2113 Datasheet HTML 12Page - IXYS Corporation IX2113 Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX2113
R03
www.ixysic.com
13
3.5.3 IX2113G: 14-Pin DIP Through-Hole Package
NOTES:
1. JEDEC outline: MS-001 AA.
2. This dimension does not include mold flash or
protrusions. Mold flash or protrusions shall not
exceed 0.254 (0.010).
3. Measured at the lead tips with the leads
unconstrained.
4. Pointed or rounded lead tips are preferred to
ease insertion.
5. Distance between leads including dam bar
protrusions to be 0.127 (0.005).
6. Datum plane H coincident with the bottom of
lead where lead exits body.
DIMENSIONS
(min / max)
mm
(inches)
Pin 1
8.509 / 9.525
(0.335 / 0.375)
See Note 3
7.62 BSC
(0.300 BSC)
18.542 / 19.050
(0.730 / 0.750)
See Note 2
2.921 / 3.810
(0.115 / 0.150)
0.381 min
(0.015 min)
0.457 typ
(0.018 typ)
2.542
(0.100)
3.175 / 3.429
(0.125 / 0.135)
1.524 typ
(0.06 typ)
6.223 / 6.477
(0.245 / 0.255)
See Note 2
PCB Hole Pattern
7.62
(0.300)
2.54
(0.100)
1.35
(0.053)
0.85
(0.0335)
Hole Size =
5.334 max
(0.210 max)
H
Seating Plane
0º / 15º
For additional information please visit our website at: www.ixysic.com
IXYS Integrated Circuits Division makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make
changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in IXYS Integrated
Circuits Division’s Standard Terms and Conditions of Sale, IXYS Integrated Circuits Division assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its
products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other
applications intended to support or sustain life, or where malfunction of IXYS Integrated Circuits Division’s product may result in direct physical harm, injury, or death to a person or severe
property or environmental damage. IXYS Integrated Circuits Division reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-IX2113-R03
©Copyright 2014, IXYS Integrated Circuits Division
All rights reserved. Printed in USA.
6/9/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com