Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29010B Datasheet (PDF) - AMIC Technology

A29010B Datasheet PDF - AMIC Technology
Part # A29010B
Download  A29010B Download
File Size   351.3 Kbytes
Page   30 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory

A29010B Datasheet (PDF)

Go To PDF Page Download Datasheet
A29010B Datasheet PDF - AMIC Technology

Part # A29010B
Download  A29010B Click to download

File Size   351.3 Kbytes
Page   30 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory

A29010B Datasheet (HTML) - AMIC Technology


A29010B Product details

General Description
The A29010B is a 5.0 volt-only Flash memory organized as 131,072 bytes of 8 bits each. The 128 Kbytes of data are further divided into four sectors for flexible sector erase capability. The 8 bits of data appear on I/O0 - I/O7 while the addresses are input on A0 to A16. The A29010B is offered in 32-pin PLCC, TSOP, and PDIP packages. This device is designed to be programmed in-system with the standard system 5.0 volt VCC supply. Additional 12.0 volt VPP is not required for in-system write or erase operations. However, the A29010B can also be programmed in standard EPROM programmers.

Features
● 5.0V ± 10% for read and write operations
● Access times:
   - 55ns (max.)
● Current:
   - 20mA typical active read current
   - 30mA typical program/erase current
   - 6μA typical CMOS standby
● Flexible sector architecture
   - 32 KbyteX4 sectors
   - Any combination of sectors can be erased
   - Supports full chip erase
   - Sector protection:
      A hardware method of protecting sectors to prevent any inadvertent program or erase operations within that sector
● Extended operating temperature range: -40°C~+85°C for –U series
● Embedded Erase Algorithms
   - Embedded Erase algorithm will automatically erase the entire chip or any combination of designated sectors and verify the erased sectors
   - Embedded Program algorithm automatically writes and verifies bytes at specified addresses
● Minimum 100,000 program/erase cycles per sector
● 20-year data retention at 125ºC
   - Reliable operation for the life of the system
● Compatible with JEDEC-standards
   - Pinout and software compatible with single-powersupply Flash memory standard
   - Superior inadvertent write protection
● Data Polling and toggle bits
   - Provides a software method of detecting completion of program or erase operations
● Erase Suspend/Erase Resume
   - Suspends a sector erase operation to read data from, or program data to, a non-erasing sector, then resumes the erase operation
● Package options
   - 32-pin P-DIP, PLCC, or TSOP(Forward type)
   - All Pb-free (Lead-free) products are RoHS2.0 compliant




Similar Part No. - A29010B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29010 AMICC-A29010 Datasheet
288Kb / 30P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010-55 AMICC-A29010-55 Datasheet
288Kb / 30P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010-55F AMICC-A29010-55F Datasheet
347Kb / 29P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010-70 AMICC-A29010-70 Datasheet
288Kb / 30P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010-70F AMICC-A29010-70F Datasheet
347Kb / 29P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Similar Description - A29010B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29010 AMICC-A29010 Datasheet
288Kb / 30P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29512 AMICC-A29512 Datasheet
293Kb / 31P
64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29512A AMICC-A29512A Datasheet
293Kb / 31P
64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040B AMICC-A29040B Datasheet
392Kb / 29P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com