Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29010B Datasheet(PDF) 1 Page - AMIC Technology

Part # A29010B
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29010B Datasheet(HTML) 1 Page - AMIC Technology

  A29010B Datasheet HTML 1Page - AMIC Technology A29010B Datasheet HTML 2Page - AMIC Technology A29010B Datasheet HTML 3Page - AMIC Technology A29010B Datasheet HTML 4Page - AMIC Technology A29010B Datasheet HTML 5Page - AMIC Technology A29010B Datasheet HTML 6Page - AMIC Technology A29010B Datasheet HTML 7Page - AMIC Technology A29010B Datasheet HTML 8Page - AMIC Technology A29010B Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
A29010B Series
128K X 8 Bit CMOS 5.0 Volt-only,
Preliminary
Uniform Sector Flash Memory
PRELIMINARY (June, 2016, Version 0.0)
AMIC Technology, Corp.
AMIC reserves the right to change products and specifications discussed herein without notice.
Document Title
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
Revision History
Rev. No.
History
Issue Date
Remark
0.0
Initial issue
June 16, 2016
Preliminary


Similar Part No. - A29010B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29010 AMICC-A29010 Datasheet
288Kb / 30P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010-55 AMICC-A29010-55 Datasheet
288Kb / 30P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010-55F AMICC-A29010-55F Datasheet
347Kb / 29P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010-70 AMICC-A29010-70 Datasheet
288Kb / 30P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010-70F AMICC-A29010-70F Datasheet
347Kb / 29P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - A29010B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29010 AMICC-A29010 Datasheet
288Kb / 30P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29512 AMICC-A29512 Datasheet
293Kb / 31P
64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29512A AMICC-A29512A Datasheet
293Kb / 31P
64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040B AMICC-A29040B Datasheet
392Kb / 29P
512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29010V-70F AMICC-A29010V-70F Datasheet
347Kb / 29P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com