Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29010B Datasheet(PDF) 12 Page - AMIC Technology

Part # A29010B
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29010B Datasheet(HTML) 12 Page - AMIC Technology

Back Button A29010B Datasheet HTML 8Page - AMIC Technology A29010B Datasheet HTML 9Page - AMIC Technology A29010B Datasheet HTML 10Page - AMIC Technology A29010B Datasheet HTML 11Page - AMIC Technology A29010B Datasheet HTML 12Page - AMIC Technology A29010B Datasheet HTML 13Page - AMIC Technology A29010B Datasheet HTML 14Page - AMIC Technology A29010B Datasheet HTML 15Page - AMIC Technology A29010B Datasheet HTML 16Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
A29010B Series
PRELIMINARY
(June, 2016, Version 0.0)
11
AMIC Technology, Corp.
Write Operation Status
Several bits, I/O2, I/O3, I/O5, I/O6, and I/O7, are provided in the
A29010B to determine the status of a write operation. Table 5
and the following subsections describe the functions of these
status bits. I/O7, I/O6 and I/O2 each offer a method for
determining whether a program or erase operation is complete
or in progress. These three bits are discussed first.
I/O7: Data Polling
The
Data Polling bit, I/O7, indicates to the host system
whether an Embedded Algorithm is in progress or completed,
or whether the device is in Erase Suspend.
Data Polling is
valid after the rising edge of the final
WE pulse in the
program or erase command sequence.
During the Embedded Program algorithm, the device outputs
on I/O7 the complement of the datum programmed to I/O7.
This I/O7 status also applies to programming during Erase
Suspend.
When
the
Embedded
Program
algorithm
is
complete, the device outputs the datum programmed to I/O7.
The system must provide the program address to read valid
status information on I/O7. If a program address falls within a
protected
sector,
Data Polling
on
I/O7
is
active
for
approximately 2
μs, then the device returns to reading array
data.
During
the
Embedded
Erase
algorithm,
Data
Polling
produces a "0" on I/O7. When the Embedded Erase algorithm
is complete, or if the device enters the Erase Suspend mode,
Data Polling produces a "1" on I/O7.This is analogous to the
complement/true datum output described for the Embedded
Program algorithm: the erase function changes all the bits in a
sector
to
"1";
prior
to
this,
the
device
outputs
the
"complement," or "0." The system must provide an address
within any of the sectors selected for erasure to read valid
status information on I/O7.
After an erase command sequence is written, if all sectors
selected for erasing are protected,
Data Polling on I/O7 is
active for approximately 100
μs, then the device returns to
reading array data. If not all selected sectors are protected,
the Embedded Erase algorithm erases the unprotected
sectors, and ignores the selected sectors that are protected.
When the system detects I/O7 has changed from the
complement to true data, it can read valid data at I/O7 - I/O0 on
the following read cycles. This is because I/O7 may change
asynchronously with I/O0 - I/O6 while Output Enable (
OE ) is
asserted low. The
Data Polling Timings (During Embedded
Algorithms)
figure
in
the
"AC
Characteristics"
section
illustrates this. Table 5 shows the outputs for
Data Polling on
I/O7. Figure 3 shows the
Data Polling algorithm.
START
Read I/O7-I/O0
Address = VA
I/O7 = Data ?
FAIL
No
Note :
1. VA = Valid address for programming. During a sector
erase operation, a valid address is an address within any
sector selected for erasure. During chip erase, a valid
address is any non-protected sector address.
2. I/O7 should be rechecked even if I/O5 = "1" because
I/O7 may change simultaneously with I/O5.
No
Read I/O7 - I/O0
Address = VA
I/O5 = 1?
I/O7 = Data ?
Yes
No
PASS
Yes
Yes
Figure 3. Data Polling Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com