Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29010B Datasheet(PDF) 26 Page - AMIC Technology

Part # A29010B
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29010B Datasheet(HTML) 26 Page - AMIC Technology

Back Button A29010B Datasheet HTML 22Page - AMIC Technology A29010B Datasheet HTML 23Page - AMIC Technology A29010B Datasheet HTML 24Page - AMIC Technology A29010B Datasheet HTML 25Page - AMIC Technology A29010B Datasheet HTML 26Page - AMIC Technology A29010B Datasheet HTML 27Page - AMIC Technology A29010B Datasheet HTML 28Page - AMIC Technology A29010B Datasheet HTML 29Page - AMIC Technology A29010B Datasheet HTML 30Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
A29010B Series
PRELIMINARY
(June, 2016, Version 0.0)
25
AMIC Technology, Corp.
Part Numbering Scheme
A29
X
Package Type
Blank = 32-pin DIP
L = 32-pin PLCC
V = 32-pin TSOP
Device Version*
B = B Chip Version
Device Type
A29 = AMIC 5V Single Bank
Parallel NOR Flash
Device Density
010 = 1Mbits
040 = 4Mbits
Temperature*
X
Package Material
F = PB free
X
* Optional
X
XXX
/ X
Packing
Q = Tape & Reel
XX
Speed Grade
C
85
~
C
40
-
U
°
+
°
=
C
70
~
C
0
Blank
°
+
°
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com