Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29010B Datasheet(PDF) 14 Page - AMIC Technology

Part # A29010B
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29010B Datasheet(HTML) 14 Page - AMIC Technology

Back Button A29010B Datasheet HTML 10Page - AMIC Technology A29010B Datasheet HTML 11Page - AMIC Technology A29010B Datasheet HTML 12Page - AMIC Technology A29010B Datasheet HTML 13Page - AMIC Technology A29010B Datasheet HTML 14Page - AMIC Technology A29010B Datasheet HTML 15Page - AMIC Technology A29010B Datasheet HTML 16Page - AMIC Technology A29010B Datasheet HTML 17Page - AMIC Technology A29010B Datasheet HTML 18Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
A29010B Series
PRELIMINARY
(June, 2016, Version 0.0)
13
AMIC Technology, Corp.
accept additional sector erase commands. To ensure the
command has been accepted, the system software should
check the status of I/O3 prior to and following each subsequent
sector erase command. If I/O3 is high on the second status
check, the last command might not have been accepted.
Table 5 shows the outputs for I/O3.
START
Read I/O7-I/O0
Toggle Bit
= Toggle ?
Program/Erase
Operation Not
Commplete, Write
Reset Command
Yes
Notes :
1. Read toggle bit twice to determine whether or not it is
toggling. See text.
2. Recheck toggle bit because it may stop toggling as I/O5
changes to "1". See text.
No
Read I/O7 - I/O0
Twice
I/O5 = 1?
Toggle Bit
= Toggle ?
Yes
Yes
Program/Erase
Operation Complete
No
No
Read I/O7-I/O0
(Notes 1,2)
Figure 4. Toggle Bit Algorithm
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com