Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29010B Datasheet(PDF) 6 Page - AMIC Technology

Part # A29010B
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29010B Datasheet(HTML) 6 Page - AMIC Technology

Back Button A29010B Datasheet HTML 2Page - AMIC Technology A29010B Datasheet HTML 3Page - AMIC Technology A29010B Datasheet HTML 4Page - AMIC Technology A29010B Datasheet HTML 5Page - AMIC Technology A29010B Datasheet HTML 6Page - AMIC Technology A29010B Datasheet HTML 7Page - AMIC Technology A29010B Datasheet HTML 8Page - AMIC Technology A29010B Datasheet HTML 9Page - AMIC Technology A29010B Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
A29010B Series
PRELIMINARY
(June, 2016, Version 0.0)
5
AMIC Technology, Corp.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the
CE and OE pins to VIL. CE is the power control and selects
the device.
OE is the output control and gates array data to the
output pins.
WE should remain at VIH all the time during read
operation. The internal state machine is set for reading array
data upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory content
occurs during the power transition. No command is necessary
in this mode to obtain array data. Standard microprocessor read
cycles that assert valid addresses on the device address inputs
produce valid data on the device data outputs. The device
remains enabled for read access until the command register
contents are altered.
See "Reading Array Data" for more information. Refer to the AC
Read Operations table for timing specifications and to the Read
Operations Timings diagram for the timing waveforms, lCC1 in
the DC Characteristics table represents the active current
specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which includes
programming data to the device and erasing sectors of
memory), the system must drive
WE and CE to VIL, and OE
to VIH. An erase operation can erase one sector, multiple
sectors, or the entire device. The Sector Address Tables
indicate the address range that each sector occupies. A "sector
address" consists of the address inputs required to uniquely
select a sector. See the "Command Definitions" section for
details
on
erasing
a
sector
or
the
entire
chip,
or
suspending/resuming the erase operation.
After the system writes the autoselect command sequence, the
device enters the autoselect mode. The system can then read
autoselect codes from the internal register (which is separate
from the memory array) on I/O7 - I/O0. Standard read cycle
timings apply in this mode. Refer to the "Autoselect Mode" and
"Autoselect
Command
Sequence"
sections
for
more
information.
ICC2 in the Characteristics table represents the active current
specification for the write mode. The "AC Characteristics"
section contains timing specification tables and timing diagrams
for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may check
the status of the operation by reading the status bits on I/O7 -
I/O0. Standard read cycle timings and ICC read specifications
apply. Refer to "Write Operation Status" for more information,
and to each AC Characteristics section for timing diagrams.
Standby Mode
When the system is not reading or writing to the device, it can
place the device in the standby mode. In this mode, current
consumption is greatly reduced, and the outputs are placed in
the high impedance state, independent of the
OE input.
The device enters the CMOS standby mode when the
CE is
held at VCC
± 0.5V. (Note that this is a more restricted voltage
range than VIH.) The device enters the TTL standby mode when
CE is held at VIH. The device requires the standard access
time (tCE) before it is ready to read data.
If the device is deselected during erasure or programming, the
device draws active current until the operation is completed.
ICC3 in the DC Characteristics tables represents the standby
current specification.
Output Disable Mode
When the
OE input is at VIH, output from the device is
disabled. The output pins are placed in the high impedance
state.
Table 2. A29010B Block Sector Address Table
Sector
A16
A15
Sector Size (Kbytes)
Address Range
SA0
0
0
32
00000h - 07FFFh
SA1
0
1
32
08000h - 0FFFFh
SA2
1
0
32
10000h - 17FFFh
SA3
1
1
32
18000h - 1FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com