Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29010B Datasheet(PDF) 2 Page - AMIC Technology

Part # A29010B
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29010B Datasheet(HTML) 2 Page - AMIC Technology

  A29010B Datasheet HTML 1Page - AMIC Technology A29010B Datasheet HTML 2Page - AMIC Technology A29010B Datasheet HTML 3Page - AMIC Technology A29010B Datasheet HTML 4Page - AMIC Technology A29010B Datasheet HTML 5Page - AMIC Technology A29010B Datasheet HTML 6Page - AMIC Technology A29010B Datasheet HTML 7Page - AMIC Technology A29010B Datasheet HTML 8Page - AMIC Technology A29010B Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
A29010B Series
128K X 8 Bit CMOS 5.0 Volt-only,
Preliminary
Uniform Sector Flash Memory
PRELIMINARY
(June, 2016, Version 0.0)
1
AMIC Technology, Corp.
Features
5.0V
± 10% for read and write operations
Access times:
- 55ns (max.)
Current:
- 20mA typical active read current
- 30mA typical program/erase current
- 6
μA typical CMOS standby
Flexible sector architecture
- 32 KbyteX4 sectors
- Any combination of sectors can be erased
- Supports full chip erase
- Sector protection:
A hardware method of protecting sectors to prevent
any inadvertent program or erase operations within that
sector
Extended operating temperature range: -40
°C~+85°C
for –U series
Embedded Erase Algorithms
- Embedded Erase algorithm will automatically erase the
entire chip or any combination of designated sectors
and verify the erased sectors
- Embedded Program algorithm automatically writes and
verifies bytes at specified addresses
Minimum 100,000 program/erase cycles per sector
20-year data retention at 125ºC
- Reliable operation for the life of the system
Compatible with JEDEC-standards
- Pinout and software compatible with single-power-
supply Flash memory standard
- Superior inadvertent write protection
Data Polling and toggle bits
- Provides a software method of detecting completion of
program or erase operations
Erase Suspend/Erase Resume
- Suspends a sector erase operation to read data from,
or program data to, a non-erasing sector, then
resumes the erase operation
Package options
- 32-pin P-DIP, PLCC, or TSOP(Forward type)
- All Pb-free (Lead-free) products are RoHS2.0 compliant
General Description
The A29010B is a 5.0 volt-only Flash memory organized as
131,072 bytes of 8 bits each. The 128 Kbytes of data are
further divided into four sectors for flexible sector erase
capability. The 8 bits of data appear on I/O0 - I/O7 while the
addresses are input on A0 to A16. The A29010B is offered in
32-pin PLCC, TSOP, and PDIP packages. This device is
designed to be programmed in-system with the standard
system 5.0 volt VCC supply. Additional 12.0 volt VPP is not
required for in-system write or erase operations. However, the
A29010B can also be programmed in standard EPROM
programmers.
The A29010B has the first toggle bit, I/O6, which indicates
whether an Embedded Program or Erase is in progress, or it is
in the Erase Suspend. Besides the I/O6 toggle bit, the A29010B
has a second toggle bit, I/O2, to indicate whether the addressed
sector is being selected for erase. The A29010B also offers the
ability to program in the Erase Suspend mode. The standard
A29010B offers access times of 55ns allowing high-speed
microprocessors to operate without wait states. To eliminate
bus contention the device has separate chip enable ( CE ),
write enable ( WE ) and output enable ( OE ) controls.
The device requires only a single 5.0 volt power supply for both
read and write functions. Internally generated and regulated
voltages are provided for the program and erase operations.
The A29010B is entirely software command set compatible
with
the
JEDEC
single-power-supply
Flash
standard.
Commands are written to the command register using standard
microprocessor write timings. Register contents serve as input
to an internal state-machine that controls the erase and
programming circuitry. Write cycles also internally latch
addresses and data needed for the programming and erase
operations. Reading data out of the device is similar to reading
from other Flash or EPROM devices.
Device programming occurs by writing the proper program
command sequence. This initiates the Embedded Program
algorithm - an internal algorithm that automatically times the
program pulse widths and verifies proper program margin.
Device
erasure
occurs
by
executing
the
proper
erase
command sequence. This initiates the Embedded Erase
algorithm - an internal algorithm that automatically preprograms
the array (if it is not already programmed) before executing the
erase operation. During erase, the device automatically times
the erase pulse widths and verifies proper erase margin.
The host system can detect whether a program or erase
operation is complete by reading the I/O7 ( Data Polling) and
I/O6 (toggle) status bits. After a program or erase cycle has
been completed, the device is ready to read array data or
accept another command.
The sector erase architecture allows memory sectors to be
erased and reprogrammed without affecting the data contents
of other sectors. The A29010B is fully erased when shipped
from the factory.
The hardware sector protection feature disables operations for
both program and erase in any combination of the sectors
of memory. This can be achieved via programming equipment.
The Erase Suspend feature enables the user to put erase on
hold for any period of time to read data from, or program data
to, any other sector that is not selected for erasure. True
background erase can thus be achieved.
Power consumption is greatly reduced when the device is
placed in the standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com