Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29010B Datasheet(PDF) 18 Page - AMIC Technology

Part # A29010B
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29010B Datasheet(HTML) 18 Page - AMIC Technology

Back Button A29010B Datasheet HTML 14Page - AMIC Technology A29010B Datasheet HTML 15Page - AMIC Technology A29010B Datasheet HTML 16Page - AMIC Technology A29010B Datasheet HTML 17Page - AMIC Technology A29010B Datasheet HTML 18Page - AMIC Technology A29010B Datasheet HTML 19Page - AMIC Technology A29010B Datasheet HTML 20Page - AMIC Technology A29010B Datasheet HTML 21Page - AMIC Technology A29010B Datasheet HTML 22Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
A29010B Series
PRELIMINARY
(June, 2016, Version 0.0)
17
AMIC Technology, Corp.
AC Characteristics
Erase and Program Operations
Parameter Symbols
Speed
JEDEC
Std
Description
-55
Unit
tAVAV
tWC
Write Cycle Time (Note 1)
Min.
55
ns
tAVWL
tAS
Address Setup Time
Min.
0
ns
tWLAX
tAH
Address Hold Time
Min.
40
ns
tDVWH
tDS
Data Setup Time
Min.
25
ns
tWHDX
tDH
Data Hold Time
Min.
0
ns
tOES
Output Enable Setup Time
Min.
0
ns
tGHWL
tGHWL
Read Recover Time Before Write (
OE high to WE low)
Min.
0
ns
tELWL
tCS
CE Setup Time
Min.
0
ns
tWHEH
tCH
CE Hold Time
Min.
0
ns
tWLWH
tWP
Write Pulse Width
Min.
30
ns
Min.
20
ns
tWHWL
tWPH
Write Pulse Width High
Max.
50
μs
tWHWH1
tWHWH1
Byte Programming Operation (Note 2)
Typ.
6
μs
tWHWH2
tWHWH2
Sector Erase Operation (Note 2)
Typ.
0.3
sec
tVCS
VCC Set Up Time (Note 1)
Min.
50
μs
Notes:
1. Not 100% tested.
2. See the "Erase and Programming Performance" section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com