Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A29010B Datasheet(PDF) 15 Page - AMIC Technology

Part # A29010B
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29010B Datasheet(HTML) 15 Page - AMIC Technology

Back Button A29010B Datasheet HTML 11Page - AMIC Technology A29010B Datasheet HTML 12Page - AMIC Technology A29010B Datasheet HTML 13Page - AMIC Technology A29010B Datasheet HTML 14Page - AMIC Technology A29010B Datasheet HTML 15Page - AMIC Technology A29010B Datasheet HTML 16Page - AMIC Technology A29010B Datasheet HTML 17Page - AMIC Technology A29010B Datasheet HTML 18Page - AMIC Technology A29010B Datasheet HTML 19Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
A29010B Series
PRELIMINARY
(June, 2016, Version 0.0)
14
AMIC Technology, Corp.
Table 5. Write Operation Status
I/O7
I/O6
I/O5
I/O3
I/O2
Operation
(Note 1)
(Note 2)
(Note 1)
Embedded Program Algorithm
7
I/O
Toggle
0
N/A
No toggle
Standard
Mode
Embedded Erase Algorithm
0
Toggle
0
1
Toggle
Reading within Erase
Suspended Sector
1
No toggle
0
N/A
Toggle
Reading within Non-Erase
Suspend Sector
Data
Data
Data
Data
Data
Erase
Suspend
Mode
Erase-Suspend-Program
7
I/O
Toggle
0
N/A
N/A
Notes:
1. I/O7 and I/O2 require a valid address when reading status information. Refer to the appropriate subsection for further details.
2. I/O5 switches to “1” when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See
“I/O5: Exceeded Timing Limits” for more information.
Maximum Negative Input Overshoot
20ns
20ns
20ns
+0.8V
-0.5V
-2.0V
Maximum Positive Input Overshoot
20ns
20ns
20ns
VCC+0.5V
2.0V
VCC+2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com