Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5507-ASZ Datasheet (PDF) - Cirrus Logic

CS5507-ASZ Datasheet PDF - Cirrus Logic
Part # CS5507-ASZ
Download  CS5507-ASZ Download
File Size   721.98 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS

CS5507-ASZ Datasheet (PDF)

Go To PDF Page Download Datasheet
CS5507-ASZ Datasheet PDF - Cirrus Logic

Part # CS5507-ASZ
Download  CS5507-ASZ Click to download

File Size   721.98 Kbytes
Page   40 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS

CS5507-ASZ Datasheet (HTML) - Cirrus Logic


CS5507-ASZ Product details

Description
The CS5505/6/7/8 are a family of low power CMOS A/D converters which are ideal for measuring low-frequency signals representing physical, chemical, and biological processes.

Features
● Very Low Power Consumption
     - Single supply +5 V operation: 1.7 mW
     - Dual supply ±5 V operation: 3.2 mW
● Offers superior performance to VFCs and multi-slope integrating ADCs
● Differential Inputs
     - Single Channel (CS5507/8) and Four-Channel (CS5505/6) pseudo-differential versions
● Either 5 V or 3.3 V Digital Interface
● Linearity Error:
     - ±0.0015% FS (16-bit CS5505/7)
     - ±0.0007% FS (20-bit CS5506/8)
● Output update rates up to 100 Sps
● Flexible Serial Port
● Pin-Selectable Unipolar/Bipolar Ranges




Similar Part No. - CS5507-ASZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5507-ASZ CIRRUS-CS5507-ASZ Datasheet
1Mb / 40P
Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5507-ASZ CIRRUS-CS5507-ASZ Datasheet
1Mb / 40P
Very Low Power, 16-Bit and 20-Bit A/D Converters
More results


Similar Description - CS5507-ASZ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5516 CIRRUS-CS5516 Datasheet
923Kb / 41P
16BIT/20-BIT BRIDGE TRANSDUCER A/D CONVERTER
logo
Asahi Kasei Microsystem...
AKD4550-E AKM-AKD4550-E Datasheet
774Kb / 26P
16bit A/D and D/A converter
logo
Cirrus Logic
CS5505 CIRRUS-CS5505_09 Datasheet
1Mb / 40P
Very Low Power, 16-Bit and 20-Bit A/D Converters
CS5505_0910 CIRRUS-CS5505_0910 Datasheet
1Mb / 40P
Very Low Power, 16-Bit and 20-Bit A/D Converters
logo
Rohm
BU7858KN ROHM-BU7858KN_07 Datasheet
1Mb / 25P
Mixer & Selector With 16bit D/A Converters
logo
API Technologies Corp
MN5250 APITECH-MN5250 Datasheet
854Kb / 4P
Low-Power CMOS, 12-bit A/D Converters
logo
DATEL, Inc.
DAC-0812 DATEL-DAC-0812 Datasheet
624Kb / 7P
8-Bit, 125MSPS, Low-Power D/A Converters
DAC-1212 DATEL-DAC-1212 Datasheet
525Kb / 7P
12-Bit, 125MSPS, Low-Power D/A Converters
DAC-1225 DATEL-DAC-1225 Datasheet
435Kb / 6P
12-Bit, 250MSPS, Low-Power D/A Converters
DAC-1412 DATEL-DAC-1412 Datasheet
438Kb / 6P
14-Bit, 125MSPS, Low-Power D/A Converters
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com