Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5507-ASZ Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS5507-ASZ
Description  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5507-ASZ Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS5507-ASZ Datasheet HTML 5Page - Cirrus Logic CS5507-ASZ Datasheet HTML 6Page - Cirrus Logic CS5507-ASZ Datasheet HTML 7Page - Cirrus Logic CS5507-ASZ Datasheet HTML 8Page - Cirrus Logic CS5507-ASZ Datasheet HTML 9Page - Cirrus Logic CS5507-ASZ Datasheet HTML 10Page - Cirrus Logic CS5507-ASZ Datasheet HTML 11Page - Cirrus Logic CS5507-ASZ Datasheet HTML 12Page - Cirrus Logic CS5507-ASZ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
5V SWITCHING CHARACTERISTICS (TA = TMIN to TMAX; VA+, VD+ = 5V ± 10%;
VA- = -5V
± 10%; Input Levels: Logic 0 = 0V, Logic 1 = VD+; CL = 50 pF.) (Note 2)
Parameter
Symbol
Min
Typ
Max
Units
SSC Mode (M/SLP = VD+)
Access Time:
CS Low to SDATA out (DRDY = low)
DRDY falling to MSB (CS = low)
tcsd1
tdfd
-
-
-
2/fclk
2/fclk
3/fclk
ns
ns
SDATA Delay Time:
SCLK falling to next SDATA bit
tdd1
-
80
250
ns
SCLK Delay Time
SDATA MSB bit to SCLK rising
tcd1
-1/fclk
-ns
Serial Clock (Out)
Pulse Width High
Pulse Width Low
tph1
tpl1
-
-
1/fclk
1/fclk
-
-
ns
ns
Output Float Delay:
CS high to output Hi-Z (Note 16)
SCLK rising to SDATA Hi-Z
tfd1
tfd2
-
-
-
1/fclk
2/fclk
-
ns
ns
SEC Mode (M/SLP = DGND)
Serial Clock (In)
fsclk
0-
2.5
MHz
Serial Clock (In)
Pulse Width High
Pulse Width Low
tph2
tpl2
200
200
-
-
-
-
ns
ns
Access Time:
CS Low to data valid (Note 17)
tcsd2
-
60
200
ns
Maximum Delay time:
(Note 18)
SCLK falling to new SDATA bit
tdd2
-
150
310
ns
Output Float Delay:
CS high to output Hi-Z (Note 16)
SCLK falling to SDATA Hi-Z
tfd3
tfd4
-
-
60
160
150
300
ns
ns
Notes: 16. If CS is returned high before all data bits are output, the SDATA and SCLK outputs will complete the
current data bit and then go to high impedance.
17. If CS is activated asynchronously to DRDY, CS will not be recognized if it occurs when DRDY is high
for 2 clock cycles. The propagation delay time may be as great as 2 fclk cycles plus 200 ns. To
guarantee proper clocking of SDATA when using asynchronous CS, SCLK(i) should not be taken high
sooner than 2 fclk + 200 ns after CS goes low.
18. SDATA transitions on the falling edge of SCLK. Note that a rising SCLK must occur to enable the
serial port shifting mechanism before falling edges can be recognized.
CS5505/6/7/8
DS59F4
9
CS5505/6/7/8
DS59F5
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com