Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5507-ASZ Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5507-ASZ
Description  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5507-ASZ Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5507-ASZ Datasheet HTML 9Page - Cirrus Logic CS5507-ASZ Datasheet HTML 10Page - Cirrus Logic CS5507-ASZ Datasheet HTML 11Page - Cirrus Logic CS5507-ASZ Datasheet HTML 12Page - Cirrus Logic CS5507-ASZ Datasheet HTML 13Page - Cirrus Logic CS5507-ASZ Datasheet HTML 14Page - Cirrus Logic CS5507-ASZ Datasheet HTML 15Page - Cirrus Logic CS5507-ASZ Datasheet HTML 16Page - Cirrus Logic CS5507-ASZ Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
GENERAL DESCRIPTION
The CS5505/6/7/8 are very low power mono-
lith ic CM OS A/D co nverters designed
specifically for measurement of dc signals. The
CS5505/7 are 16-bit converters (a four channel
and a single channel version). The CS5506/8 are
20-bit converters (a four channel and a single
channel version). Each of the devices includes a
delta-sigma charge-balance converter, a voltage
reference, a calibration microcontroller with
SRAM, a digital filter and a serial interface. The
CS5505 and CS5506 include a four channel
pseudo-differential (all four channels have the
same reference measurement node) multiplexer.
The CS5505/6/7/8 include an on-chip reference
but can also utilize an off-chip reference for pre-
cision applications. The CS5505/6/7/8 can be
used to measure either unipolar or bipolar sig-
nals. The devices use self-calibration to insure
excellent offset and gain accuracy.
The CS5505/6/7/8 are optimized to operate from
a 32.768 kHz crystal but can be driven by an
external clock whose frequency is between
30 kHz and 163 kHz. When the digital filter is
operated with a 32.768 kHz clock, the filter has
zeros precisely at 50 and 60 Hz line frequencies
and multiples thereof.
The CS5505/6/7/8 use a "start convert" com-
mand to latch the input channel selection and to
start a convolution cycle on the digital filter.
Once the filter cycle is completed, the output
port is up dated . When o p erated wi th a
32.768 kHz clock the ADC converts and updates
its output port at 20 samples/sec. The throughput
rate per channel is the output update rate divided
b y th e number of c hanne ls be ing mult i-
plexed. The output port includes a serial
interface with two modes of operation.
The CS5505/6/7/8 can operate from dual polar-
ity power supplies (+5 and -5), from a single +5
volt supply, or with +10 volts on the analog and
+5 on the digital.
They can also operate with
dual polarity (+5 and -5), or from a single +5
volt supply on the analog and + 3.3 on the digi-
tal.
THEORY OF OPERATION FOR THE
CS5505/6/7/8
The front page of this data sheet illustrates the
block diagram of the CS5505/6.
Basic Converter Operation
The CS5505/6/7/8 A/D converters have four op-
erating states. These are start-up, calibration,
conversion and sleep. When power is first ap-
plied, the device enters the start-up state. The
first step is a power-on reset delay of about
10 ms which resets all of the logic in the device.
To proceed with start-up, the oscillator must
then begin oscillating. After the power-on reset
the device enters the wake-up period for 1800
clock cycles after clock is present. This allows
the delta-sigma modulator and other circuitry
(which are operating with very low currents) to
reach a stable bias condition prior to entering
into either the calibration or conversion states.
During the 1800 cycle wake-up period, the de-
vice can accept an input command. Execution of
this command will not occur until the complete
wake-up period elapses. If no command is given,
the device enters the standby mode.
Calibration
After the initial application of power, the
CS5505/6/7/8 must enter the calibration state
prior to performing accurate conversions. During
calibration, the chip executes a two-step process.
The device first performs an offset calibration
and then follows this with a gain calibration.
The two calibration steps determine the zero ref-
erence point and the full scale reference point of
the converter’s transfer function. From these
points it calibrates the zero point and a gain
CS5505/6/7/8
DS59F4
13
CS5505/6/7/8
DS59F5
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com