Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5507-ASZ Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS5507-ASZ
Description  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5507-ASZ Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS5507-ASZ Datasheet HTML 29Page - Cirrus Logic CS5507-ASZ Datasheet HTML 30Page - Cirrus Logic CS5507-ASZ Datasheet HTML 31Page - Cirrus Logic CS5507-ASZ Datasheet HTML 32Page - Cirrus Logic CS5507-ASZ Datasheet HTML 33Page - Cirrus Logic CS5507-ASZ Datasheet HTML 34Page - Cirrus Logic CS5507-ASZ Datasheet HTML 35Page - Cirrus Logic CS5507-ASZ Datasheet HTML 36Page - Cirrus Logic CS5507-ASZ Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
33
Copyright
© Cirrus Logic, Inc. 1998
(All Rights Reserved)
Cirrus Logic, Inc.
Crystal Semiconductor Products Division
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.crystal.com
CDB5505/6/7/8
Evaluation Board for CS5505/6/7/8 Series of ADC’s
Features
l Operation with on-board 32.768 kHz crystal
or off-board clock source
l Jumper selectable:
- SSC mode; SEC mode; Sleep
l DIP Switch Selectable:
- BP/UP mode; A0, & A1 channel selection
l On-board precision voltage reference
l Access to all digital control pins
l On-board patch area
Description
The CDB5505/5506/5507/5508 is a circuit board de-
signed to provide quick evaluation of the CS5505/6/7/8
series of A/D converters. The board can be configured to
evaluate the CS5505/6/7/8 in either SSC (Synchronous
Self-Clocking) or SEC (Synchronous External-Clocking)
serial port mode.
The board allows access to all of the digital interface pins
of the CS5505/6/7/8 chip.
ORDERING INFORMATION
CDB5505
Evaluation Board
CDB5506
Evaluation Board
CDB5507
Evaluation Board
CDB5508
Evaluation Board
I
AIN4+
AIN3+
AIN2+
AIN1+
AIN-
+5V GND -5V
CS5505/6/7/8
CLKIN
VREF
H
E
A
D
E
R
B
U
F
F
E
R
S
MAR ‘95
DS59DB2
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
CDB5505/6/7/8
Evaluation Board for CS5505/6/7/8 Series of ADCs
AUG ‘05
DS59DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com