Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5507-ASZ Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS5507-ASZ
Description  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5507-ASZ Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS5507-ASZ Datasheet HTML 18Page - Cirrus Logic CS5507-ASZ Datasheet HTML 19Page - Cirrus Logic CS5507-ASZ Datasheet HTML 20Page - Cirrus Logic CS5507-ASZ Datasheet HTML 21Page - Cirrus Logic CS5507-ASZ Datasheet HTML 22Page - Cirrus Logic CS5507-ASZ Datasheet HTML 23Page - Cirrus Logic CS5507-ASZ Datasheet HTML 24Page - Cirrus Logic CS5507-ASZ Datasheet HTML 25Page - Cirrus Logic CS5507-ASZ Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Synchronous External-Clocking Mode
The serial port operates in the SEC mode when
the M/SLP pin is connected to the DGND pin.
SDATA is the output pin for the serial data.
When CS goes low after new data becomes
available (DRDY goes low), the SDATA pin
comes out of Hi-Z with the MSB data bit pre-
sent. SCLK is the input pin for the serial clock
in the SEC mode. If the MSB data bit is on the
SDATA pin, the first rising edge of SCLK en-
ables the shifting mechanism. This allows the
falling edges of SCLK to shift subsequent data
bits out of the port. Note that if the MSB data
bit is output and the SCLK signal is high, the
first falling edge of SCLK will be ignored be-
cause the shifting mechanism has not become
activated. After the first rising edge of SCLK,
each subsequent falling edge will shift out the
serial data. Once the LSB is present, the falling
edge of SCLK will cause the SDATA output to
go to Hi-Z and DRDY to return high. The serial
port register will be updated with a new data
word upon the completion of another conversion
if the serial port has been emptied, or if the CS
is inactive (high).
CS can be operated asynchronously to the
DRDY signal. The DRDY signal need not be
monitored as long as the CS signal is taken low
for at least two XIN clock cycles plus 200 ns
prior to SCLK being toggled. This ensures that
CS has gained control over the serial port.
Sleep Mode
The CS5505/6/7/8 devices offer two methods of
putting the device into a SLEEP condition to
conserve power. Calibration words will be re-
tained in SRAM during either sleep condition.
The M/SLP pin can be put into the SLEEP
threshold to lower the operating power used by
the device to about 1% of nominal. Alternately,
the clock into the XIN pin can be stopped. This
will lower the power consumed by the converter
to about 30% of nominal.
In both cases, the
converter must go through a wake-up sequence
prior to conversions being initiated. This wake-
up sequence includes the 10 msec. (typ.)
power-on-reset delay, the start-up of the oscilla-
tor (unless an external clock is used), and the
1800 clock cycle wake-up delay after the clock
begins.
When coming out of the sleep condi-
tion, the converter will latch the A0 and A1
inputs.
Figure 13 illustrates how to use a gate and resis-
tors to bias the M/SLP pin into the SLEEP
threshold region when using the converter in the
SSC mode. To use the SEC mode return resistor
R1 to DGND instead of the supply.
When in
the SEC mode configuration the CS5505/6/7/8
will enter the SLEEP threshold when the logic
control input is a logic 1 (VD+). Note that large
resistors can be used to conserve power while in
sleep. The input leakage of the pin is typically
less than 1
µA even at 125 °C, although the
worst case specification tables indicate a leakage
of 10
µA maximum.
Power Supplies and Grounding
The analog and digital supply pins to the
CS5505/6/7/8 are brought out on separate pins to
minimize noise coupling between the analog and
digital sections of the chip. Note that there is no
M/SLP
CS5505/6/7/8
*
’1’ = SSC Mode
’0’ = SLEEP
R1
Control
Input
R2
VD+
* Tie R to DGND for SEC mode; control input
logic inverts.
1
0.01
µF
R = 499k, V + = 5V; R = 590k, V + = 3.3V
1
1
DD
499k
1%
1%
**
**
Figure 13. Sleep Threshold Control
CS5505/6/7/8
22
DS59F4
CS5505/6/7/8
22
DS59F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com