Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5507-ASZ Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS5507-ASZ
Description  VERY LOW POWER 16BIT AND 20 BIT A/D CONVERTERS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5507-ASZ Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS5507-ASZ Datasheet HTML 8Page - Cirrus Logic CS5507-ASZ Datasheet HTML 9Page - Cirrus Logic CS5507-ASZ Datasheet HTML 10Page - Cirrus Logic CS5507-ASZ Datasheet HTML 11Page - Cirrus Logic CS5507-ASZ Datasheet HTML 12Page - Cirrus Logic CS5507-ASZ Datasheet HTML 13Page - Cirrus Logic CS5507-ASZ Datasheet HTML 14Page - Cirrus Logic CS5507-ASZ Datasheet HTML 15Page - Cirrus Logic CS5507-ASZ Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
RECOMMENDED OPERATING CONDITIONS (DGND = 0V) (Note 19)
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies: Positive Digital
(VA+)-(VA-)
Positive Analog
Negative Analog
VD+
Vdiff
VA+
VA-
3.15
4.5
4.5
0
5.0
10
5.0
-5.0
5.5
11
11
-5.5
V
V
V
V
Analog Reference Voltage (Note 20) (VREF+)-(VREF-)
1.0
2.5
3.6
V
Analog Input Voltage:
(Note 21)
Unipolar
Bipolar
VAIN
VAIN
0
-((VREF+)-(VREF-))
-
-
(VREF+)-(VREF-)
+((VREF+)-(VREF-))
V
V
Notes: 19. All voltages with respect to ground.
20. The CS5505/6/7/8 can be operated with a reference voltage as low as 100 mV; but with a
corresponding reduction in noise-free resolution. The common mode voltage of the voltage reference
may be any value as long as +VREF and -VREF remain inside the supply values of VA+ and VA-.
21. The CS5505/6/7/8 can accept input voltages up to the analog supplies (VA+ and VA-). In unipolar
mode the CS5505/6/7/8 will output all 1’s if the dc input magnitude ((AIN+)-(AIN-)) exceeds
((VREF+)-(VREF-)) and will output all 0’s if the input becomes more negative than 0 Volts.
In bipolar mode the CS5505/6/7/8 will output all 1’s if the dc input magnitude ((AIN+)-(AIN-)) exceeds
((VREF+)-(VREF-)) and will output all 0’s if the input becomes more negative in magnitude than
-((VREF+)-(VREF-)).
ABSOLUTE MAXIMUM RATINGS*
Parameter
Symbol
Min
Typ
Max
Units
DC Power Supplies:
Digital Ground
(Note 22)
Positive Digital
(Note 23)
Positive Analog
Negative Analog
(VA+)-(VA-)
(VA+)-(VD+)
DGND
VD+
VA+
VA-
Vdiff1
Vdiff2
-0.3
-0.3
-0.3
+0.3
-0.3
-0.3
-
-
-
-
-
-
(VD+)-0.3
6.0 or VA+
12.0
-6.0
12.0
12.0
V
V
V
V
V
V
Input Current, Any Pin Except Supplies
(Notes 24, 25)
Iin
--
±10
mA
Analog Input Voltage
AIN and VREF pins
VINA
(VA-)-0.3
-
(VA+)+0.3
V
Digital Input Voltage
VIND
-0.3
-
(VD+)+0.3
V
Ambient Operating Temperature
TA
-55
-
125
°C
Storage Temperature
Tstg
-65
-
150
°C
Notes: 22. No pin should go more positive than (VA+)+0.3V.
23. VD+ must always be less than (VA+)+0.3 V,and can never exceed 6.0V.
24. Applies to all pins including continuous overvoltage conditions at the analog input (AIN) pin.
25. Transient currents of up to 100mA will not cause SCR latch-up. Maximum input current for a power
supply pin is
± 50 mA.
* WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
CS5505/6/7/8
12
DS59F4
CS5505/6/7/8
12
DS59F5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com