Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL8050 Datasheet (PDF) - List of Unclassifed Manufacturers

QL8050 Datasheet PDF - List of Unclassifed Manufacturers
Part # QL8050
Download  QL8050 Download
File Size   739.4 Kbytes
Page   49 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM

QL8050 Datasheet (PDF)

Go To PDF Page Download Datasheet
QL8050 Datasheet PDF - List of Unclassifed Manufacturers

Part # QL8050
Download  QL8050 Click to download

File Size   739.4 Kbytes
Page   49 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM

QL8050 Datasheet (HTML) - List of Unclassifed Manufacturers


QL8050 Product details

[QuickLogic]

Device Highlight
Flexible Programmable Logic
• 0.18 µ, six layer metal CMOS process
• 1.8 V Vcc, 1.8/2.5/3.3 V drive capable I/O
• Up to 4,008 dedicated flip-flops
• Up to 55.3 K embedded RAM Bits
• Up to 313 I/O
• Up to 370 K system gates
• IEEE 1149.1 Boundary Scan Testing Compliant
• Low Power Capability

Embedded Dual Port SRAM
• Up to twenty-four 2,304 bit Dual Port High Performance SRAM Blocks
• Up to 55,296 embedded RAM bits
• RAM/ROM/FIFO Wizard for automatic configuration
• Configurable and cascadable

Programmable I/O
• High performance I/O cell with Tco< 3 ns
• Programmable Slew Rate Control
• Programmable I/O Standards:
   • LVTTL, LVCMOS, LVCMOS18, PCI, GTL+, SSTL2, and SSTL3
   • Independent I/O Banks capable of supporting multiple standards in one device
   • I/O Register Configurations: Input, Output, Output Enable (OE)

Advanced Clock Network
• Multiple dedicated Low Skew Clock Networks
• High drive input-only networks
• Quadrant-based segmentable clock networks
• User Programmable Phase Locked Loops

Embedded Computational Units (ECUs)
   Hardwired DSP building blocks with integrated Multiply, Add, and Accumulate Functions.

Security Features
   The QuickLogic products come with secure ViaLink® technology that protects intellectual property from design theft and reverse engineering. No external configuration memory needed; Instant-on at Power-up.




Similar Part No. - QL8050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL82SD ETC1-QL82SD Datasheet
3Mb / 60P
10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
QL82SD-PB516 ETC1-QL82SD-PB516 Datasheet
3Mb / 60P
10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
QL82SD-PQ208 ETC1-QL82SD-PQ208 Datasheet
3Mb / 60P
10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
QL82SD-PS484 ETC1-QL82SD-PS484 Datasheet
3Mb / 60P
10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
QL82SD-PT280 ETC1-QL82SD-PT280 Datasheet
3Mb / 60P
10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
More results


Similar Description - QL8050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL4016 ETC-QL4016 Datasheet
478Kb / 18P
16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL2009 ETC-QL2009 Datasheet
272Kb / 12P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL4009 ETC1-QL4009 Datasheet
373Kb / 18P
9,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL2003 ETC1-QL2003 Datasheet
333Kb / 10P
3.3V and 5.0V pASIC-R 2 FPGA Combining Speed, Density, Low Cost and Flexibility
QL4016-1PB456M ETC1-QL4016-1PB456M Datasheet
576Kb / 22P
90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
QL4058 ETC1-QL4058 Datasheet
536Kb / 23P
58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
QL3012 ETC1-QL3012 Datasheet
239Kb / 14P
60,000 Usable PLD Gate pASIC3 FPGA Combining High Performance and High Density
QL3025 ETC1-QL3025 Datasheet
528Kb / 17P
25,000 Usable PLD Gate pASIC 3 FPGA Combining High Performance and High Density
QL2007 ETC1-QL2007 Datasheet
299Kb / 10P
3.3V and 5.0V pASIC 2 FPGA Combining Speed, Density, Low Cost and Flexibility
logo
ATMEL Corporation
ATSAM4S8BA-MU ATMEL-ATSAM4S8BA-MU Datasheet
275Kb / 2P
Scalable Performance and Memory Density, Power Efficiency
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com