Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C31024A-12TC Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C31024A-12TC Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C31024A-12TC
Download  AS7C31024A-12TC Download
File Size   116.77 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)

AS7C31024A-12TC Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C31024A-12TC Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C31024A-12TC
Download  AS7C31024A-12TC Click to download

File Size   116.77 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)

AS7C31024A-12TC Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C31024A-12TC Product details

Functional description

The AS7C1024A and AS7C31024A are high performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) devices organized as 131,072 words x 8 bits. It is designed for memory applications where fast data access, low power, and simple interfacing are desired.



Features

• AS7C1024A (5V version)

• AS7C31024A (3.3V version)

• Industrial and commercial temperatures

• Organization: 131,072 words x 8 bits

• High speed

   - 10/12/15/20 ns address access time

   - 5, 6, 7, 8 ns output enable access time

• Low power consumption: ACTIVE

   - 853 mW (AS7C1024A) / max @ 10 ns

   - 522 mW (AS7C31024A) / max @ 10 ns

• Low power consumption: STANDBY

   - 55 mW (AS7C1024A) / max CMOS

   - 36 mW (AS7C31024A) / max CMOS

• Latest 6T 0.25u CMOS technology

• Easy memory expansion with CE1, CE2, OE inputs

• TTL/LVTTL-compatible, three-state I/O

• 32-pin JEDEC standard packages

   - 300 mil SOJ

   - 400 mil SOJ

   - 8 × 20mm TSOP 1

   - 8 x 13.4mm sTSOP 1

• ESD protection ≥ 2000 volts

• Latch-up current ≥ 200 mA



 




Similar Part No. - AS7C31024A-12TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31024B ALSC-AS7C31024B Datasheet
120Kb / 9P
3.3V 128K X 8 CMOS SRAM
AS7C31024B-10JC ALSC-AS7C31024B-10JC Datasheet
120Kb / 9P
3.3V 128K X 8 CMOS SRAM
AS7C31024B-10JCN ALSC-AS7C31024B-10JCN Datasheet
120Kb / 9P
3.3V 128K X 8 CMOS SRAM
AS7C31024B-10STC ALSC-AS7C31024B-10STC Datasheet
120Kb / 9P
3.3V 128K X 8 CMOS SRAM
AS7C31024B-10STCN ALSC-AS7C31024B-10STCN Datasheet
120Kb / 9P
3.3V 128K X 8 CMOS SRAM
More results


Similar Description - AS7C31024A-12TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
5V/3.3V 256K x 16 CMOS SRAM
AS7C1025 ALSC-AS7C1025 Datasheet
196Kb / 9P
5V/3.3V 128K x8 CMOS SRAM (Revolutionary pinout)
AS7C31026 ALSC-AS7C31026 Datasheet
239Kb / 10P
5V/3.3V 64Kx6 CMOS SRAM
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
5V/3.3V 32K x 6 CMOS SRAM
AS7C4096 ALSC-AS7C4096 Datasheet
246Kb / 9P
5V/3.3V 512K X8 CMOS SRAM
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
List of Unclassifed Man...
WMS128K8V-XXX ETC1-WMS128K8V-XXX Datasheet
223Kb / 8P
128Kx8 3.3V MONOLITHIC SRAM
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
5V/3.3V 64K X 16 CMOS SRAM
AS7C1026 ALSC-AS7C1026 Datasheet
238Kb / 10P
5V / 3.3V 64KX16 CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com