Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC2010 Datasheet (PDF) - Exar Corporation

CLC2010 Datasheet PDF - Exar Corporation
Part # CLC2010
Download  CLC2010 Download
File Size   1758.5 Kbytes
Page   15 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers

CLC2010 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLC2010 Datasheet PDF - Exar Corporation

Part # CLC2010
Download  CLC2010 Click to download

File Size   1758.5 Kbytes
Page   15 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description Low Cost, 2.5 to 5.5V, 7.3MHz Rail-to-Rail Amplifiers

CLC2010 Datasheet (HTML) - Exar Corporation




Similar Part No. - CLC2010

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
CLC2011 CADEKA-CLC2011 Datasheet
2Mb / 16P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC2011IMP8EVB EXAR-CLC2011IMP8EVB Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC2011IMP8MTR EXAR-CLC2011IMP8MTR Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Cadeka Microcircuits LL...
CLC2011IMP8X CADEKA-CLC2011IMP8X Datasheet
2Mb / 16P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
More results


Similar Description - CLC2010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
KM4212 FAIRCHILD-KM4212 Datasheet
181Kb / 10P
Dual, 70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amp
logo
Analog Devices
AD8091 AD-AD8091 Datasheet
229Kb / 16P
Low-Cost, High-Speed Rail-to-Rail Amplifiers
5/02-Data Sheet changed from REV. 0 to REV. A.
AD8051 AD-AD8051_07 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8091 AD-AD8091_07 Datasheet
413Kb / 20P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV. C
logo
Cadeka Microcircuits LL...
AD8052LV CADEKA-AD8052LV Datasheet
3Mb / 14P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifier
CLC1008 CADEKA-CLC1008 Datasheet
3Mb / 17P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
logo
Exar Corporation
CLC1005 EXAR-CLC1005 Datasheet
2Mb / 19P
Low Cost, 2.7V to 5.5V, 260MHz Rail-to-Rail Amplifiers
CLC1008 EXAR-CLC1008 Datasheet
2Mb / 16P
0.5mA, Low Cost, 2.5 to 5.5V, 75MHz Rail-to-Rail Amplifiers
CLC1009 EXAR-CLC1009 Datasheet
1Mb / 15P
0.2mA, Low Cost, 2.5 to 5.5V, 35MHz Rail-to-Rail Amplifiers
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com