Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA04 Datasheet (PDF) - Cirrus Logic

PA04 Datasheet PDF - Cirrus Logic
Part # PA04
Download  PA04 Download
File Size   60.18 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA04 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA04 Datasheet PDF - Cirrus Logic

Part # PA04
Download  PA04 Click to download

File Size   60.18 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA04 Datasheet (HTML) - Cirrus Logic


PA04 Product details

DESCRIPTION
The PA04 is a high voltage MOSFET power operational amplifer that extends the performance limits of power amplifers in slew rate and power bandwidth, while maintaining high current and power dissipation ratings.
The PA04 is a highly flexible amplifer. The sleep mode feature allows ultra-low quiescent current for standby operation or load protection by disabling the entire amplifer. Boost voltage inputs allow the small signal portion of the amplifer to operate at a higher voltage than the high current output stage. The amplifer is then biased to achieve close linear swings to the supply rails at high currents for extra efficient operation. External compensation tailors performance to user needs. A four wire sense technique allows precision current limiting without the need to consider internal or external milliohm parasitic resistance in the output line.
The JEDEC MO-127 12-pin Power Dip™ package (see Package Outlines) is hermetically sealed and isolated from the internal circuits. The use of compressible thermal washers will void product warranty

FEATURES
• HIGH INTERNAL DISSIPATION — 200 WATTS
• HIGH VOLTAGE, HIGH CURRENT — 200V, 20A
• HIGH SLEW RATE — 50V/µS
• 4 WIRE CURRENT LIMIT SENSING
• LOW DISTORTION
• EXTERNAL SLEEP MODE CONTROL
• OPTIONAL BOOST VOLTAGE INPUTS
• EVALUATION KIT — SEE EK09

APPLICATIONS
• SONAR TRANSDUCER DRIVER
• LINEAR AND ROTARY MOTOR DRIVES
• YOKE/MAGNETIC FIELD EXCITATION
• PROGRAMMABLE POWER SUPPLIES TO ±95V
• AUDIO UP TO 400W




Similar Part No. - PA04

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
Power Operational Amplifier
logo
AZ Displays
PA040XS1 AZDISPLAYS-PA040XS1 Datasheet
676Kb / 25P
This technical specification applies to 4inch color TFT-LCD module, PA040XS1
logo
Pulse A Technitrol Comp...
PA0423 PULSE-PA0423 Datasheet
125Kb / 2P
HIGH FREQUENCY PLANAR TRANSFORMERS
PA0430L PULSE-PA0430L Datasheet
111Kb / 2P
THT POWER INDUCTORS
PA0430L PULSE-PA0430L Datasheet
414Kb / 2P
THT Power Inductors
More results


Similar Description - PA04

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com