Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet (PDF) - Cirrus Logic

CS8420 Datasheet PDF - Cirrus Logic
Part # CS8420
Download  CS8420 Download
File Size   1412.05 Kbytes
Page   80 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description DIGITAL AUDIO SAMPLE RATE CONVERTER

CS8420 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8420 Datasheet PDF - Cirrus Logic

Part # CS8420
Download  CS8420 Click to download

File Size   1412.05 Kbytes
Page   80 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description DIGITAL AUDIO SAMPLE RATE CONVERTER

CS8420 Datasheet (HTML) - Cirrus Logic


CS8420 Product details

General Description

The CS8420 is a stereo digital audio sample rate converter (SRC) with AES3-type and serial digital audio inputs, AES3-type and serialdigital audio outputs, and includes comprehensive control ability via a 4-wire microcontroller port. Channel status and user data can be assembled in block-sized buffers, making read/modify/write cycles easy.



Features

Complete IEC60958, AES3, S/PDIF, EIAJ CP1201-compatible Transceiver with Asynchronous Sample Rate Converter

Flexible 3-wire Serial Digital I/O Ports

8-kHz to 108-kHz Sample Rate Range

1:3 and 3:1 Maximum Input to Output Sample Rate Ratio

128 dB Dynamic Range

-117 dB THD+N at 1 kHz

Excellent Performance at Almost a 1:1 Ratio

Excellent Clock Jitter Rejection

24-bit I/O Words

Pin and Microcontroller Read/Write Access to Channel Status and User Data

Microcontroller and Stand-Alone Modes




Similar Part No. - CS8420

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS8420 CIRRUS-CS8420 Datasheet
1Mb / 94P
DIGITAL AUDIO SAMPLE RATE CONVERTER
CS8420-CS CIRRUS-CS8420-CS Datasheet
1Mb / 94P
DIGITAL AUDIO SAMPLE RATE CONVERTER
logo
List of Unclassifed Man...
CS8420-CS ETC2-CS8420-CS Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Cirrus Logic
CS8420-CSR CIRRUS-CS8420-CSR Datasheet
1Mb / 94P
DIGITAL AUDIO SAMPLE RATE CONVERTER
CS8420-CSZ CIRRUS-CS8420-CSZ Datasheet
1Mb / 94P
DIGITAL AUDIO SAMPLE RATE CONVERTER
More results


Similar Description - CS8420

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849F NPC-SM5849F Datasheet
352Kb / 26P
Asynchronous Sample Rate Converter
logo
Sanyo Semicon Device
LC78845Q SANYO-LC78845Q Datasheet
144Kb / 10P
Sample Rate Converter for Digital Audio
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
Asynchronous Sample Rate Converter
logo
Cirrus Logic
CS8420 CIRRUS-CS8420_07 Datasheet
1Mb / 94P
DIGITAL AUDIO SAMPLE RATE CONVERTER
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
Asynchronous Sample Rate Converter
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
Asynchronous Sample Rate Converter
AKD4125-A AKM-AKD4125-A Datasheet
206Kb / 20P
digital sample rate converter.
AKD4126-A AKM-AKD4126-A Datasheet
908Kb / 29P
digital sample rate converter.
AKD4127-A AKM-AKD4127-A Datasheet
221Kb / 20P
digital sample rate converter.
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
Asynchronous Sample Rate Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com