Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 3Page - Cirrus Logic CS8420 Datasheet HTML 4Page - Cirrus Logic CS8420 Datasheet HTML 5Page - Cirrus Logic CS8420 Datasheet HTML 6Page - Cirrus Logic CS8420 Datasheet HTML 7Page - Cirrus Logic CS8420 Datasheet HTML 8Page - Cirrus Logic CS8420 Datasheet HTML 9Page - Cirrus Logic CS8420 Datasheet HTML 10Page - Cirrus Logic CS8420 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
CS8420
DS245PP2
7
SWITCHING CHARACTERISTICS - SERIAL AUDIO PORTS (T
A = 25 °C; VA+ = VD+ =
5V ±5%, Inputs: Logic 0 = 0V, Logic 1 = VD+; CL = 20 pF)
Notes: 5. The active edges of ISCLK and OSCLK are programmable.
6. The polarity of ILRCK and OLRCK is programmable.
7. This delay is to prevent the previous I/OSCLK edge from being interpreted as the first one after I/OLRCK
has changed.
8. This setup time ensures that this I/OSCLK edge is interpreted as the first one after I/OLRCK has
changed.
Parameter
Symbol
Min
Typ
Max
Units
OSCLK Active Edge to SDOUT Output Valid
(Note 5)
tdpd
--
20
ns
SDIN Setup TIme Before ISCLK Active Edge
(Note 5)
tds
20
-
-
ns
SDIN Hold Time After ISCLK Active Edge
(Note 5)
tdh
20
-
-
ns
Master Mode
O/RMCK to I/OSCLK active edge delay
(Note 5)
tsmd
0-
10
ns
O/RMCK to I/OLRCK delay
(Note 6)
tlmd
0-
10
ns
I/OSCLK and I/OLRCK Duty Cycle
-
50
-
%
Slave Mode
I/OSCLK Period
tsckw
36
-
-
ns
I/OSCLK Input Low Width
tsckl
14
-
-
ns
I/OSCLK Input High Width
tsckh
14
-
-
ns
I/OSCLK Active Edge to I/OLRCK Edge
(Note 5,6,7)
tlrckd
20
-
-
ns
I/OLRCK Edge Setup Before I/OSCLK Active Edge (Note 5,6,8)
tlrcks
20
-
-
ns
sckh
sckl
sckw
t
t
t
tdpd
SDOUT
(input)
(input)
SDIN
dh
t
ds
t
lrcks
t
lrckd
t
ISCLK
OSCLK
ILRCK
OLRCK
ISCLK
OSCLK
ILRCK
OLRCK
(output)
(output)
RMCK
OMCK
(input)
t
smd
t
lmd
Figure 1. Audio Ports Master Mode Timing
Figure 2. Audio Ports Slave Mode and Data I/O
Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com