Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 44Page - Cirrus Logic CS8420 Datasheet HTML 45Page - Cirrus Logic CS8420 Datasheet HTML 46Page - Cirrus Logic CS8420 Datasheet HTML 47Page - Cirrus Logic CS8420 Datasheet HTML 48Page - Cirrus Logic CS8420 Datasheet HTML 49Page - Cirrus Logic CS8420 Datasheet HTML 50Page - Cirrus Logic CS8420 Datasheet HTML 51Page - Cirrus Logic CS8420 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
CS8420
48
DS245PP2
OSCLK - Serial Audio Output Port Bit Clock input or output
Serial bit clock for audio data on the SDOUT pin.
OLRCK - Serial Audio Output Port Left/Right Clock input or output
Word rate clock for the audio data on the SDOUT pin. The frequency will be at the output sample rate
(Fso)
AES3/SPDIF Transmitter Interface:
TCBL - Transmit Channel Status Block Start
This pin can be configured as an input or output. When operated as output, TCBL is high during the first
sub-frame of a transmitted channel status block, and low at all other times. When operated as input,
driving TCBL high for at least three OMCK (or RMCK, depending on which clock is operating the AES3
encoder block) clocks will cause the next transmitted sub-frame to be the start of a channel status
block.
TXN, TXP - Differential Line driver outputs
Differential line driver outputs, transmitting AES3 type data. Drivers are pulled to low while the CS8420
is in the reset state.
Control Port Signals:
SCL/CCLK - Control Port clock
SCL/CCLK is the serial control interface clock, and is used to clock control data bits into and out of the
CS8420.
AD0/CS - Address Bit 0 (I2C) / Control Port Chip Select (SPI)
A falling edge on this pin puts the CS8420 into SPI control port mode. With no falling edge, the CS8420
defaults to I2C mode. In I2C mode, AD0 is a chip address pin. In SPI mode, CS is used to enable the
control port interface on the CS8420.
AD1/CDIN - Address Bit 1 (I2C) / Serial Control data in (SPI)
In I2C mode, AD1 is a chip address pin. In SPI mode, CDIN is the input data line for the control port
interface
SDA/CDOUT - Serial Control Data I/O (I2C) / data out (SPI)
In I2C mode, SDA is the control I/O data line. SDA is open drain, and requires an external pull-up
resistor to VD+. In SPI mode, CDOUT is the output data from the control port interface on the CS8420.
Miscellaneous pins:
U - User Data
The U pin may optionally be used to input User data for transmission by the AES3 transmitter, see
Figure 22 for timing information. Alternatively, the U pin may be set to output User data from the AES3
receiver, see Figure 21 for timing information. If not driven, a 47k
Ω pull-down resistor is recommended
for the U pin, since the default state of the UD direction bit sets the U pin as an input. The pull-down
resistor ensures that the transmitted user data will be zero. If the U pin is always set to be an output,
thereby causing the U bit manager to be the source of the U data, then the resistor is not necessary.
The U pin should not be tied directly to ground, in case it is programmed to be an output, and
subsequently tries to output a logic high. This situation may affect the long term reliability of the device.
If the U pin is driven by a logic level output, then a 100
Ω series resistor is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com