Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 23Page - Cirrus Logic CS8420 Datasheet HTML 24Page - Cirrus Logic CS8420 Datasheet HTML 25Page - Cirrus Logic CS8420 Datasheet HTML 26Page - Cirrus Logic CS8420 Datasheet HTML 27Page - Cirrus Logic CS8420 Datasheet HTML 28Page - Cirrus Logic CS8420 Datasheet HTML 29Page - Cirrus Logic CS8420 Datasheet HTML 30Page - Cirrus Logic CS8420 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
CS8420
DS245PP2
27
may be set or not, as desired. To begin a read, bring
CS low, send out the chip address and set the
read/write bit (R/W) high. The next falling edge of
CCLK will clock out the MSB of the addressed
register (CDOUT will leave the high impedance
state). If the MAP auto increment bit is set to 1, the
data for successive registers will appear consecu-
tively.
10.2
I
2C Mode
In I2C mode, SDA is a bidirectional data line. Data
is clocked into and out of the part by the clock,
SCL, with the clock to data relationship as shown
in Figure 25. There is no CS pin. Each individual
CS8420 is given a unique address. Pins AD0, AD1
form the 2 least significant bits of the chip address,
and should be connected to VD+ or DGND as de-
sired. The EMPH pin is used to set the AD2 bit, by
connecting a resistor from the EMPH pin to VD+
or to DGND. The state of the pin is sensed while
the CS8420 is being reset. The upper 4 bits of the
7-bit address field are fixed at 0010. To communi-
cate with a CS8420, the chip address field, which is
the first byte sent to the CS8420, should match
0010 followed by the settings of the EMPH, AD1,
and AD0. The eighth bit of the address is the R/W
bit. If the operation is a write, the next byte is the
Memory Address Pointer (MAP) which selects the
register to be read or written. If the operation is a
read, the contents of the register pointed to by the
MAP will be output. Setting the auto increment bit
in MAP allows successive reads or writes of con-
secutive registers. Each byte is separated by an ac-
knowledge bit. The ACK bit is output from the
CS8420 after each input byte is read, and is input to
the CS8420 from the microcontroller after each
transmitted byte. I2C is a registered trademark of
Philips Semiconductors.
10.3
Interrupts
The CS8420 has a comprehensive interrupt capa-
bility. The INT output pin is intended to drive the
interrupt input pin on the host microcontroller. The
INT pin may be set to be active low, active high or
active low with no active pull-up transistor. This
last mode is used for active low, wired-OR hook-
ups, with multiple peripherals connected to the mi-
crocontroller interrupt input pin.
Many conditions can cause an interrupt, as listed in
the interrupt status register descriptions. Each
source may be masked off via mask registers. In ad-
dition, each source may be set to rising edge, fall-
ing edge or level sensitive. Combined with the
option of level sensitive or edge sensitive modes
within the microcontroller, many different set-ups
are possible, depending on the needs of the equip-
ment designer.
SDA
SCL
0010
AD2-0
R/W
Start
ACK
DATA7-0
ACK
DATA7-0
ACK
Stop
Note 2
Note 1
Note 1: AD2 is derived from a resistor attached to the EMPH pin,
Note 2: If operation is a write, this byte contains the Memory Address Pointer, MAP
AD1 and AD0 are determined by the state of the corresponding pins
Figure 25. Control Port Timing in
I2C Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com