Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 66Page - Cirrus Logic CS8420 Datasheet HTML 67Page - Cirrus Logic CS8420 Datasheet HTML 68Page - Cirrus Logic CS8420 Datasheet HTML 69Page - Cirrus Logic CS8420 Datasheet HTML 70Page - Cirrus Logic CS8420 Datasheet HTML 71Page - Cirrus Logic CS8420 Datasheet HTML 72Page - Cirrus Logic CS8420 Datasheet HTML 73Page - Cirrus Logic CS8420 Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
CS8420
70
DS245PP2
15. APPENDIX A: EXTERNAL
AES3/SPDIF/IEC60958
TRANSMITTER AND RECEIVER
COMPONENTS
This section details the external components re-
quired to interface the AES3 transmitter and re-
ceiver to cables and fiber-optic components.
15.1
AES3 Transmitter External
Components
The output drivers on the CS8420 are designed to
drive both the professional and consumer interfac-
es. The AES3 specification for professional/broad-
cast use calls for a 110
Ω source impedance and a
balanced drive capability. Since the transmitter
output impedance is very low, a 110
Ω resistor
should be placed in series with one of the transmit
pins. The specifications call for a balanced output
drive of 2-7 volts peak-to-peak into a 110
Ω load
with no cable attached. Using the circuit in
Figure 32, the output of the transformer is short-
circuit protected, has the proper source impedance,
and provides a 5 volt peak-to-peak signal into a
110
Ω load. Lastly, the two output pins should be
attached to an XLR connector with male pins and a
female shell, and with pin 1 of the connector
grounded.
In the case of consumer use, the IEC60958 specifi-
cations call for an unbalanced drive circuit with an
output impedance of 75
Ω and a output drive level
of 0.5 V peak-to-peak ±20% when measured across
a 75
Ω load using no cable. The circuit shown in
Figure 33 only uses the TXP pin and provides the
proper output impedance and drive level using
standard 1% resistors. The connector for a consum-
er application would be an RCA phono socket. This
circuit is also short circuit protected.
The TXP pin may be used to drive TTL or CMOS
gates as shown in Figure 34. This circuit may be
used for optical connectors for digital audio since
they usually have TTL or CMOS compatible in-
puts. This circuit is also useful when driving multi-
ple digital audio outputs since RS422 line drivers
have TTL compatible inputs.
15.2
AES3 Receiver External Components
The CS8420 AES3 receiver is designed to accept
both the professional and consumer interfaces. The
digital audio specifications for professional use call
for a balanced receiver, using XLR connectors,
with 110
Ω ±20% impedance. The XLR connector
on the receiver should have female pins with a male
shell. Since the receiver has a very high input im-
pedance, a 110
Ω resistor should be placed across
the receiver terminals to match the line impedance,
as shown in Figure 35. Although transformers are
not required by the AES, they are, however, strong-
ly recommended.
If some isolation is desired without the use of trans-
formers, a 0.01
µF capacitor should be placed in se-
110
Ω
TXP
TXN
XLR
1
CS8420
Figure 32. Professional Output Circuit
374
Ω
90.9
Ω
TXP
TXN
RCA
Phono
CS8420
Figure 33. Consumer Output Circuit
TXP
TXN
TTL or
CMOS Gate
CS8420
Figure 34. TTL/CMOS Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com