Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 49Page - Cirrus Logic CS8420 Datasheet HTML 50Page - Cirrus Logic CS8420 Datasheet HTML 51Page - Cirrus Logic CS8420 Datasheet HTML 52Page - Cirrus Logic CS8420 Datasheet HTML 53Page - Cirrus Logic CS8420 Datasheet HTML 54Page - Cirrus Logic CS8420 Datasheet HTML 55Page - Cirrus Logic CS8420 Datasheet HTML 56Page - Cirrus Logic CS8420 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 80 page
background image
CS8420
DS245PP2
53
14.3
Hardware Mode 2 Description
(DEFAULT Data Flow, Serial Input)
Hardware Mode 2 data flow is shown in Figure 27.
Audio data is input via the serial audio input port,
and rate converted. The audio data at the new rate
is then output both via the serial audio output port
and via the AES3 transmitter.
The C, U and V bits in the AES3 output stream may
be set in 2 methods, selected by the CUVEN pin.
When CUVEN is low, mode 2A is selected, where
COPY/C, ORIG/U and EMPH/V pins allow select-
ed channel status data bits to be set. The COPY and
ORIG pins are used to set the pro bit, the copy bit
and the L bit, as shown in Table 7. In consumer
mode, the transmitted category code shall be
‘0101100’, which indicates sample rate converter.
The transmitted U and V bits are 0.
When the CUVEN pin is high, mode 2B is selected,
where COPY/C, ORIG/U and EMPH/V become
serial bit inputs for C, U and V data. This data is
clocked by both edges of OLRCK, and the channel
status block start is indicated or determined by
TCBL. Figure 22 shows the timing requirements.
Audio serial port data formats are selected as
shown in Tables 8, 4, and 5.
Start-up options are shown in Table 9, and allow
choice of the serial audio output port as a master or
slave and whether TCBL is an input or an output.
The serial audio input port is always a slave.
The following pages contain the detailed pin de-
scriptions for hardware mode 2.
COPY/C ORIG/U
Function
00
PRO=0, COPY=0, L=0
01
PRO=0, COPY=0, L=1
10
PRO=0, COPY=1, L=0
11
PRO=1
Table 7. HW Mode 2A COPY/C and ORIG/U Pin
Function
AES3
Encoder
&Tx
Serial
Audio
Output
Serial
Audio
Input
Sample
Rate
Converter
C & U bit Data Buffer
Clocked by
Output Clock
Clocked by
Input Derived Clock
ILRCK
ISCLK
OLRCK
OSCLK
SDOUT
TXP
TXN
RMCK
LOCK
COPY/C ORIG/U EMPH/V CUVEN TCBL
DFC0
DFC1
S/AES
VD+
H/S
Output
Clock
Source
OMCK
Power supply pins (VD+, VA+, DGND, AGND) & the reset pin (RST) and the PLL filter pin (FILT)
are omitted from this diagram. Please refer to the Typical Connection Diagram for hook-up details.
VD+
SDIN
SFMT1 SFMT0
Figure 27. Hardware Mode 2 - Default Data Flow, Serial Audio Input
SFMT1 SFMT0
Function
00
Serial Input & Output Format IF1&OF1
01
Serial Input & Output Format IF2&OF2
10
Serial Input & Output Format IF3&OF3
11
Serial Input & Output Format IF4&OF3
Table 8. HW Mode 2 Serial Audio Port Format Selection
SDOUT LOCK
Function
LO
-
Serial Output Port is Slave
HI
-
Serial Output Port is Master
-
LO
TCBL is an input
-
HI
TCBL is an output
Table 9. Hardware Mode 2 Start-up Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com