Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 76 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 76 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 72Page - Cirrus Logic CS8420 Datasheet HTML 73Page - Cirrus Logic CS8420 Datasheet HTML 74Page - Cirrus Logic CS8420 Datasheet HTML 75Page - Cirrus Logic CS8420 Datasheet HTML 76Page - Cirrus Logic CS8420 Datasheet HTML 77Page - Cirrus Logic CS8420 Datasheet HTML 78Page - Cirrus Logic CS8420 Datasheet HTML 79Page - Cirrus Logic CS8420 Datasheet HTML 80Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 76 / 80 page
background image
CS8420
76
DS245PP2
becoming completely full, allowing incoming data
to overwrite data that has not yet been output
through the AES3 transmitter.
16.2.4
Mode (3): Reserved
This mode has been removed. Use IEC Consumer
mode B.
16.2.5
Mode (4): IEC Consumer B
In this mode, the partitioning problem is solved by
buffering an entire message before starting to trans-
mit it. In this scheme, zero-segments between mes-
sages will be expanded when Fso > Fsi, but the
integrity of individual messages is preserved.
The overwriting problem (when Fso < Fsi) is
solved by only storing a portion of the input U data
in the FIFO. Specifically, only the IUs themselves
are stored (and not the zeroes that provide inter-IU
and inter-message “filler”). An inter-IU filler seg-
ment of fixed length (OF) will be added back to the
messages at the FIFO output, where the length of
OF is equal to the shortest observed input filler seg-
ment (IF).
Storing only IUs (and not filler) within the FIFO
makes it possible for the slower AES3 transmitter
to “catch up” to the faster AES3 receiver as data is
read out of the FIFO. This is because nothing is
written into the FIFO when long strings of zeroes
are input to the AES-EBU receiver. During this
time of no writing, the transmitter can read out data
that had previously accumulated, allowing the
FIFO to empty out. If the FIFO becomes complete-
ly empty, zeroes are transmitted until a complete
message is written into the FIFO.
Mode 4 is not fail-safe; the FIFO can still get com-
pletely full if there isn't enough “zero-padding” be-
tween incoming messages. It is up to the user to
provide proper padding, as defined below:
Minimum padding
= (Fsi/Fso - 1)*[8N + (N-1)*IF +9] + 9
where N is the number of IUs in the message, IF is
the number of filler bits between each IU, and Fso
≤ Fsi.
Example 1: Fsi/Fso = 2, N=4, IF=1: minimum
proper padding is 53 bits.
Example 2: Fsi/Fso = 1, N=4, IF=7: min proper
padding is 9 bits.
The CS8420 detects when an overwrite has oc-
curred in the FIFO, and synchronously resets the
entire FIFO structure to prevent corrupted U data
from being merged into the transmitted AES3 data
stream. The CS8420 can be configured to generate
an interrupt when this occurs.
Mode 4 is recommended for properly formatted U
data where mode 3 cannot provide acceptable per-
formance, either because of a too-extreme Fsi/Fso
ratio, or because it's unacceptable to change the
lengths of filler segments. Mode 4 provides error-
free performance over the complete range of
Fsi/Fso ratios (provided that the input messages are
properly zero-padded for Fsi > Fso).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com