Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 60Page - Cirrus Logic CS8420 Datasheet HTML 61Page - Cirrus Logic CS8420 Datasheet HTML 62Page - Cirrus Logic CS8420 Datasheet HTML 63Page - Cirrus Logic CS8420 Datasheet HTML 64Page - Cirrus Logic CS8420 Datasheet HTML 65Page - Cirrus Logic CS8420 Datasheet HTML 66Page - Cirrus Logic CS8420 Datasheet HTML 67Page - Cirrus Logic CS8420 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 80 page
background image
CS8420
64
DS245PP2
14.6
Hardware Mode 5 Description
(AES3 Receiver Only)
Hardware Mode 5 data flow is shown in Figure 30.
Audio data is input via the AES3 receiver, and rout-
ed to the serial audio output port. The PRO, COPY,
ORIG, EMPH, and AUDIO channel status bits are
output on pins. The decoded C and U bits are also
output, clocked by both edges of OLRCK (master
mode only, see Figure 21).
If a validity, parity, bi-phase or lock receiver error
occurs, the current audio sample is passed unmod-
ified to the serial audio output port.
Start-up options are shown in Table 12, and allow
choice of the serial audio output port as a master or
slave, and the serial audio port format. The follow-
ing pages contain the detailed pin descriptions for
hardware mode 5.
Serial
Audio
Output
AES3 Rx
&
Decoder
C& Ubit Data Buffer
RXP
RXN
OLRCK
OSCLK
SDOUT
RMCK
RERR
COPY ORIG
EMPH
RCBL
PRO AUDIO
CHS
DFC0
DFC1
S/AES
VD+
H/S
Power supply pins (VD+, VA+, DGND, AGND) & the reset pin (RST) and the PLL filter pin (FILT)
are omitted from this diagram. Please refer to the Typical Connection Diagram for hook-up details.
VD+
VD+
NVERR
C
U
OMCK
Figure 30. Hardware Mode 5 - AES3 Receiver Only
SDOUT ORIG EMPH
Function
LO
-
-
Serial Output Port is Slave
HI
-
-
Serial Output Port is Master
-
LO
LO
Serial Output Format OF1
-
LO
HI
Serial Output Format OF2
-
HI
LO
Serial Output Format OF3
-
HI
HI
Serial Output Format OF5
Table 12. Hardware Mode 5 Start-up Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com