Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 43Page - Cirrus Logic CS8420 Datasheet HTML 44Page - Cirrus Logic CS8420 Datasheet HTML 45Page - Cirrus Logic CS8420 Datasheet HTML 46Page - Cirrus Logic CS8420 Datasheet HTML 47Page - Cirrus Logic CS8420 Datasheet HTML 48Page - Cirrus Logic CS8420 Datasheet HTML 49Page - Cirrus Logic CS8420 Datasheet HTML 50Page - Cirrus Logic CS8420 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
CS8420
DS245PP2
47
Overall Device Control:
H/S - Hardware or Software Control Mode Select *
The H/S pin determines the method of controlling the operation of the CS8420, and the method of
accessing CS and U data. In software mode, device control and CS and U data access is primarily via
the control port, using a microcontroller. In hardware mode, alternate modes and access to CS and U
data is provided by pins. This pin should be permanently tied to VD+ or DGND.
RST - Reset Input *
When RST is low, the CS8420 enters a low power mode and all internal states are reset. On initial
power up, RST must be held low until the power supply is stable, and all input clocks are stable in
frequency and phase. This is particularly true in hardware mode with multiple CS8420 devices, where
synchronization between devices is important.
INT - Interrupt Output
The INT output pin indicates errors and key events during the operation of the CS8420. All bits affecting
INT are maskable via control registers. The condition(s) that initiated interrupt are readable via a control
register. The polarity of the INT output, as well as selection of a standard or open drain output, is set via
a control register. Once set true, the INT pin goes false only after the interrupt status registers have
been read, and the interrupt status bits have returned to zero.
Audio Input Interface:
SDIN - Serial Audio Input Port Data Input
Audio data serial input pin.
ISCLK - Serial Audio Input Port Bit Clock input or output
Serial bit clock for audio data on the SDIN pin.
ILRCK - Serial Audio Input Port Left/Right Clock input or output
Word rate clock for the audio data on the SDIN pin. The frequency will be at the input sample rate (Fsi)
AES3/SPDIF Receiver Interface:
RXP, RXN - Differential Line Receiver Inputs
Differential line receiver inputs, carrying AES3 type data.
RERR - Receiver Error Indicator
When high, indicates a problem with the operation of the AES3 receiver. The status of this pin is
updated once per sub-frame of incoming AES3 data. Conditions that can cause RERR to go high are:
validity, parity error, bi-phase coding error, confidence, QCRC and CCRC errors, as well as loss of lock
in the PLL. Each condition may be optionally masked from affecting the RERR pin using the Receiver
Error Mask Register. The RERR pin tracks the status of the unmasked errors: the pin goes high as soon
as an unmasked error occurs and goes low immediately when all unmasked errors go away.
EMPH - Pre-emphasis Indicator Output
EMPH is low when the incoming AES3 data indicates the presence of 50/15
µs pre-emphasis. When
the AES3 data indicates the absence of pre-emphasis or the presence of other than 50/15
µs pre-
emphasis EMPH is high. This is also a start-up option pin, and requires a 47 k
Ω resistor to either VD+
or DGND, which determines the AD2 address bit for the control port in I2C mode.
Audio Output Interface:
SDOUT - Serial Audio Output Port Data Output
Audio data serial output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com