Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 22Page - Cirrus Logic CS8420 Datasheet HTML 23Page - Cirrus Logic CS8420 Datasheet HTML 24Page - Cirrus Logic CS8420 Datasheet HTML 25Page - Cirrus Logic CS8420 Datasheet HTML 26Page - Cirrus Logic CS8420 Datasheet HTML 27Page - Cirrus Logic CS8420 Datasheet HTML 28Page - Cirrus Logic CS8420 Datasheet HTML 29Page - Cirrus Logic CS8420 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
CS8420
26
DS245PP2
10. CONTROL PORT DESCRIPTION
AND TIMING
The control port is used to access the registers, al-
lowing the CS8420 to be configured for the desired
operational modes and formats. In addition, Chan-
nel Status and User data may be read and written
via the control port. The operation of the control
port may be completely asynchronous with respect
to the audio sample rates. However, to avoid poten-
tial interference problems, the control port pins
should remain static if no operation is required.
The control port has 2 modes: SPI and I2C, with the
CS8420 acting as a slave device. SPI mode is se-
lected if there is a high to low transition on the
AD0/CS pin, after the RST pin has been brought
high. I2C mode is selected by connecting the
AD0/CS pin to VD+ or DGND, thereby perma-
nently selecting the desired AD0 bit address state.
10.1
SPI Mode
In SPI mode, CS is the CS8420 chip select signal,
CCLK is the control port bit clock (input into the
CS8420 from the microcontroller), CDIN is the in-
put data line from the microcontroller, CDOUT is
the output data line to the microcontroller. Data is
clocked in on the rising edge of CCLK and out on
the falling edge.
Figure 24 shows the operation of the control port in
SPI mode. To write to a register, bring CS low. The
first 7 bits on CDIN form the chip address and must
be 0010000. The eighth bit is a read/write indicator
(R/W), which should be low to write. The next 8
bits form the Memory Address Pointer (MAP),
which is set to the address of the register that is to
be updated. The next 8 bits are the data which will
be placed into the register designated by the MAP.
During writes, the CDOUT output stays in the Hi-
Z state. It may be externally pulled high or low with
a 47 k
Ω resistor, if desired.
There is a MAP auto increment capability, enabled
by the INCR bit in the MAP register. If INCR is a
zero, then the MAP will stay constant for succes-
sive read or writes. If INCR is set to a 1, then the
MAP will auto-increment after each byte is read or
written, allowing block reads or writes of succes-
sive registers.
To read a register, the MAP has to be set to the cor-
rect address by executing a partial write cycle
which finishes (CS high) immediately after the
MAP byte. The MAP auto increment bit (INCR)
MA P
MSB
LSB
DATA
by te 1
by te n
R/W
R/W
AD D R ES S
CH IP
ADDRESS
CH IP
CD IN
CC L K
CS
CD O U T
MSB
LSB MSB
LSB
0010000
0010000
MAP = Memory Address Pointer, 8 bits, MSB first
High Impedance
Figure 24. Control Port Timing in SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com