Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 65Page - Cirrus Logic CS8420 Datasheet HTML 66Page - Cirrus Logic CS8420 Datasheet HTML 67Page - Cirrus Logic CS8420 Datasheet HTML 68Page - Cirrus Logic CS8420 Datasheet HTML 69Page - Cirrus Logic CS8420 Datasheet HTML 70Page - Cirrus Logic CS8420 Datasheet HTML 71Page - Cirrus Logic CS8420 Datasheet HTML 72Page - Cirrus Logic CS8420 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
CS8420
DS245PP2
69
TCBL - Transmit Channel Status Block Start
When operated as output, TCBL is high during the first sub-frame of a transmitted channel status block,
and low at all other times. When operated as input, driving TCBL high for at least three OMCK clocks
will cause the current transmitted sub-frame to be the start of a channel status block.
TCBLD - Transmit Channel Status Block Direction Input
Connect TCBLD to VD+ to set TCBL as an output. Connect TCBLD to DGND to set TCBL as an input.
EMPH - Pre-emphasis Indicator Input
In mode 6B, EMPH pin low sets the 3 EMPH channel status bits to indicate 50/15
µs pre-emphasis. If
EMPH is high the 3 EMPH channel status bits are set to 000 indicating no pre-emphasis.
COPY/C - COPY Channel Status bit Input or C bit Input
In mode 6B, the COPY/C pin determines the state of the COPY, PRO and L Channel Status bits in the
outgoing AES3 type data stream (See Table 13). In mode 6A, the COPY/C pin becomes the direct C bit
input data pin.
ORIG - ORIG Channel Status bit Input
In mode 6B, the ORIG pin determines the state of the COPY, PRO and L Channel Status bits in the
outgoing AES3 type data stream. See Table 13.
AUDIO - Audio Channel Status bit Input
In mode 6B, the AUDIO pin determines the state of the audio/non audio Channel Status bit in the
outgoing AES3 type data stream.
V - Validity bit Input
In modes 6A and 6B, the V pin input determines the state of the validity bit in the outgoing AES3
transmitted data. This pin is sampled on both edges of the ILRCK.
U - User Data bit Input
In modes 6A and 6B, the U pin input determines the state of the user data bit in the outgoing AES3
transmitted data. This pin is sampled on both edges of the ILRCK.
CEN - C bit Input Enable Mode Input
The CEN pin determines how the channel status data bits are input. When CEN is low, hardware mode
6A is selected, where the COPY/C, ORIG, EMPH and AUDIO pins are used to enter selected channel
status data. When CEN is high, hardware mode 6B is selected, where the COPY/C pin is used to enter
serial channel status data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com