Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 41Page - Cirrus Logic CS8420 Datasheet HTML 42Page - Cirrus Logic CS8420 Datasheet HTML 43Page - Cirrus Logic CS8420 Datasheet HTML 44Page - Cirrus Logic CS8420 Datasheet HTML 45Page - Cirrus Logic CS8420 Datasheet HTML 46Page - Cirrus Logic CS8420 Datasheet HTML 47Page - Cirrus Logic CS8420 Datasheet HTML 48Page - Cirrus Logic CS8420 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
CS8420
DS245PP2
45
12.4
Synchronization of Multiple CS8420s
The serial audio output ports of multiple CS8420s
can be synchronized by sharing the same master
clock, OSCLK, OLRCK, and RST line and ensur-
ing that all devices leave the reset state on the same
master clock falling edge. Either all the ports need
to be in slave mode, or one can be set as a master.
The AES3 transmitters may be synchronized by
sharing the same master clock, TCBL, and RST
signals, and all devices leave the reset state on the
same master clock falling edge. The TCBL pin is
used to synchronize multiple CS8420 AES3 trans-
mitters at the channel status block boundaries. One
CS8420 must have its TCBL set to master; the oth-
ers must be set to slave TCBL. Alternatively,
TCBL can be derived from some external logic, in
which case all the CS8420 devices should be set to
slave TCBL.
12.5
Extended Range Sample Rate
Conversion
For handling sampling rate conversion ratios great-
er than 3:1 or less than 1:3, the user can use a cas-
cade of two devices. The product of the conversion
ratio of the two devices should equal the target con-
version ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com