Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 6 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 6 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 2Page - Cirrus Logic CS8420 Datasheet HTML 3Page - Cirrus Logic CS8420 Datasheet HTML 4Page - Cirrus Logic CS8420 Datasheet HTML 5Page - Cirrus Logic CS8420 Datasheet HTML 6Page - Cirrus Logic CS8420 Datasheet HTML 7Page - Cirrus Logic CS8420 Datasheet HTML 8Page - Cirrus Logic CS8420 Datasheet HTML 9Page - Cirrus Logic CS8420 Datasheet HTML 10Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
CS8420
6
DS245PP2
ABSOLUTE MAXIMUM RATINGS (AGND, DGND = 0V, all voltages with respect to ground)
Notes: 3. Transient currents of up to 100mA will not cause SCR latch-up.
DIGITAL CHARACTERISTICS (T
A = 25 °C; VA+ = VD+ = 5V ±5%)
SWITCHING CHARACTERISTICS (T
A = 25 °C; VA+ = VD+ = 5V ±5%, Inputs: Logic 0 = 0V, Logic 1
= VD+; CL = 20 pF)
Notes: 4. PLL is bypassed, clock is input to the RMCK pin. The value given is guaranteed to work, with an external
RMCK applied the part will actually work at much lower frequencies.
Parameter
Symbol
Min
Max
Units
Power Supply Voltage
VD+,VA+
-
6.0
V
Input Current, Any Pin Except Supply, RXP, RXN
(Note 3)
Iin
-±10
mA
Input Current, RXP, RXN
Iin
±0.25
±TBD
mA
Input Voltage
Vin
-0.3
(VD+) + 0.3
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage, except RXP, RXN
VIH
2.0
-
(VD+) + 0.3
V
Low-Level Input Voltage, except RXP, RXN
VIL
-0.3
-
0.8
V
Low-Level Output Voltage, (Io=-20uA), except TXP, TXN
VOL
--
0.4
V
High-Level Output Voltage, (Io=20uA), except TXP, TXN
VOH
(VD+) - 1
-
-
V
Input Leakage Current
Iin
-±10
±15
µA
Differential Input Voltage, RXP to RXN
VTH
200
-
-
mV
Output High Voltage, TXP, TXN (IOH = -21mA)
(VD+) -
0.7
(VD+) -
0.4
-V
Output Low Voltage, TXP, TXN (IOL = 21mA)
-
0.4
0.7
V
Parameter
Symbol
Min
Typ
Max
Units
RST pin Low Pulse Width
200
-
-
µs
OMCK Frequency for OMCK = 512*Fso
4.096
-
55.3
MHz
OMCK Low and High Width for OMCK = 512*Fso
8.2
-
-
ns
OMCK Frequency for OMCK = 384*Fso
3.072
-
41.5
MHz
OMCK Low and High Width for OMCK = 384*Fso
12.3
-
-
ns
OMCK Frequency for OMCK = 256*Fso
2.048
-
27.7
MHz
OMCK Low and High Width for OMCK = 256*Fso
16.4
-
-
ns
PLL Clock Recovery Sample Rate Range
8.0
-
108.0
kHz
RMCK output jitter
-
200
-
ps RMS
RMCK output duty cycle
40
50
60
%
RMCK Input Frequency
(Note 4)
2.048
-
27.7
MHz
RMCK Input Low and High Width
(Note 4)
16.4
-
-
ns
AES3 Transmitter Output Jitter
-
-
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com