Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 17Page - Cirrus Logic CS8420 Datasheet HTML 18Page - Cirrus Logic CS8420 Datasheet HTML 19Page - Cirrus Logic CS8420 Datasheet HTML 20Page - Cirrus Logic CS8420 Datasheet HTML 21Page - Cirrus Logic CS8420 Datasheet HTML 22Page - Cirrus Logic CS8420 Datasheet HTML 23Page - Cirrus Logic CS8420 Datasheet HTML 24Page - Cirrus Logic CS8420 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
CS8420
DS245PP2
21
8.
OMCK OUT ON RMCK
A special mode is available that allows the clock
that is being input through the OMCK pin to be out-
put through the RMCK pin. This feature is con-
trolled by the SWCLK bit in register 4 of the
control registers. When the PLL loses lock the fre-
quency of the VCO drops to 300 kHz. The SWCLK
function allows the clock from RMCK to be used
as a clock in the system without any disruption
when input is removed from the Receiver.
9.
PLL EXTERNAL COMPONENTS
The PLL behavior is affected by the external filter
component values. Figure 5 shows the configura-
tion of the required 2 capacitors and 1 resistor. Two
alternate sets of component values are recommend-
ed, depending on the requirements of the applica-
tion (see Table 1). The default set, called “fast”,
accommodates input sample rates of 16 kHz to
108 Hz with no component changes. It has the
highest corner frequency jitter attenuation curve,
and takes the shortest time to lock. The alternate
component set, called “medium” allows the lowest
input sample rate to be 8 kHz, and increases the
lock time of the PLL. Lock times are worst case for
an Fsi transition of 96 kHz.
9.1
Error Reporting and Hold Function
While decoding the incoming AES3 data stream,
the CS8420 can identify several kinds of error, in-
dicated in the Receiver Error register. The UN-
LOCK bit indicates whether the PLL is locked to
the incoming AES3 data. The V bit reflects the cur-
rent validity bit status. The CONF (confidence) bit
indicates the amplitude of the eye pattern opening,
indicating a link that is close to generating errors.
The BIP (bi-phase) error bit indicates an error in in-
coming bi-phase coding. The PAR (parity) bit indi-
cates a received parity error.
The error bits are “sticky”: they are set on the first
occurrence of the associated error, and will remain
set until the user reads the register via the control
port. This enables the register to log all unmasked
errors that occurred since the last time the register
was read.
The Receiver Error Mask register allows masking
of individual errors. The bits in this register serve
as masks for the corresponding bits of the Receiver
Error Register. If a mask bit is set to 1, the error is
considered unmasked, meaning that its occurrence
will be reported in the receiver error register, will
affect the RERR pin, will invoke the occurrence of
a RERR interrupt, and will affect the current audio
sample according to the status of the HOLD bits.
The HOLD bits allow a choice of holding the pre-
vious sample, replacing the current sample with
zero (mute), or do not change the current audio
sample. If a mask bit is set to 0, the error is consid-
ered masked, meaning that its occurrence will not
be reported in the receiver error register, will not
induce a pulse on RERR or generate a RERR inter-
rupt, and will not affect the current audio sample.
The QCRC and CCRC errors do not affect the cur-
rent audio sample, even if unmasked.
9.2
Channel Status Data Handling
The first 2 bytes of the Channel Status block are de-
coded into the Receiver Channel Status register.
The setting of the CHS bit in the Channel Status
Data Buffer Control register determines whether
Type
RFILT (k
Ω)CFILT (µF)
CRIP (nF)
Fsi Range (kHz)
PLL Lock Time (ms)
Medium
0.909
1.8
33
8 to 96
56
Fast
1.78
0.47
8.2
16 to 108
15
Table 1. PLL External Component Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com