Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 5 Page - Cirrus Logic

  CS8420 Datasheet HTML 1Page - Cirrus Logic CS8420 Datasheet HTML 2Page - Cirrus Logic CS8420 Datasheet HTML 3Page - Cirrus Logic CS8420 Datasheet HTML 4Page - Cirrus Logic CS8420 Datasheet HTML 5Page - Cirrus Logic CS8420 Datasheet HTML 6Page - Cirrus Logic CS8420 Datasheet HTML 7Page - Cirrus Logic CS8420 Datasheet HTML 8Page - Cirrus Logic CS8420 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 80 page
background image
CS8420
DS245PP2
5
1.
CHARACTERISTICS/SPECIFICATIONS
PERFORMANCE SPECIFICATIONS (T
A = 25 °C; VA+ = VD+ = 5V ±5%)
DIGITAL FILTER CHARACTERISTICS (T
A = 25 °C; VA+ = VD+ = 5V ±5%)
Notes: 1. The value shown is for Fsi = Fso = 48 kHz. The group delay scales with input and output sample rate
according to the following formula: tgd = 41/Fsi + 43/Fso
POWER AND THERMAL CHARACTERISTICS (AGND, DGND = 0V, all voltages with respect
to ground)
Notes: 2. ‘-CS’ parts are specified to operate over -10°C to 70 °C but are tested at 25 °C only.
* Parameter Definitions are given at the end of this data sheet
Parameter*
Symbol
Min
Typ
Max
Units
Dynamic Range
120
128
-
dB
Input Sample Rate
(serial input port)
Fsi
8
-
108
kHz
Output Sample Rate
Fso
8
-
108
kHz
Output to Input Sample Rate Ratio
0.33
-
3
Total Harmonic Distortion + Noise
1 kHz, -1dBFS, 0.33 < Fso/Fsi < 1.7
1 kHz, -1dBFS, 0.33 < Fso/Fsi < 3
10 kHz, -1dBFS, 0.33 < Fso/Fsi < 1.7
10 kHz, -1dBFS, 0.33 < Fso/Fsi < 3
THD+N
-
-
-
-
-
-
-
-
-117
-112
-110
-107
dB
dB
dB
dB
Peak idle channel noise component
-
-
-140
dBFS
Input Jitter Tolerance of SRC
-
-
TBD
ns
Resolution
16
-
24
bits
Gain Error
-0.12
-
0
dB
Parameter*
Symbol
Min
Typ
Max
Units
Passband
Upsampling
Downsampling
0
0
-
-
0.4535*Fsi
0.4535*Fso
Hz
Hz
Passband Ripple
-
-
±0.007
dB
Stopband (Downsampling)
0.5465*Fso
-
Fsi/2
Hz
Stopband Attenuation
110
-
-
dB
Group Delay
(Note 1)
tgd
-
-
1.75
ms
Group Delay Variation vs. Frequency
∆t
gd
--
0.0
µs
Interchannel Phase Deviation
-
-
0.0
°
Parameter
Symbol
Min
Typ
Max
Units
Power Supply Voltage
VD+,VA+
4.75
5.0
5.25
V
Power Consumption at 96 kHz Fso and Fsi
Power Consumption at 48 kHz Fso and Fsi
-
-
660
350
TBD
TBD
mW
mW
Supply Current at 96 kHz Fso and Fsi
VA+
VD+
-
-
7.0
125
TBD
TBD
mA
mA
Supply Current in power down (RST high, VD+ & VA+)
-0.5
-
mA
Ambient Operating Temperature
(Note 2)
TA
-10
25
70
°C
Junction Temperature
TJ
-
-
135
°C
Junction to Ambient thermal impedance (28 pin SOIC)
θ
JA
-65
-
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com