Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 53Page - Cirrus Logic CS8420 Datasheet HTML 54Page - Cirrus Logic CS8420 Datasheet HTML 55Page - Cirrus Logic CS8420 Datasheet HTML 56Page - Cirrus Logic CS8420 Datasheet HTML 57Page - Cirrus Logic CS8420 Datasheet HTML 58Page - Cirrus Logic CS8420 Datasheet HTML 59Page - Cirrus Logic CS8420 Datasheet HTML 60Page - Cirrus Logic CS8420 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 80 page
background image
CS8420
DS245PP2
57
SDOUT RMCK RERR ORIG COPY
Function
LO
-
-
-
-
Serial Output Port is Slave
HI
-
-
-
-
Serial Output Port is Master
--
-
-
LO
Mode 3A: C transmitted data is copied from received data, U & V =0,
received PRO, EMPH, AUDIO is visible
--
-
-
HI
Mode 3B: CUV transmitted data is input serially on pins, received PRO,
EMPH and AUDIO is not visible
-LO
LO
-
-
Serial Input & Output Format IF1&OF1
-LO
HI
-
-
Serial Input & Output Format IF2&OF2
-HI
LO
-
-
Serial Input & Output Format IF3&OF3
-HI
HI
-
-
Serial Input & Output Format IF2&OF4
--
-
LO
-
TCBL is an input
--
-
HI
-
TCBL is an output
Table 10. Hardware Mode 3 Start-up Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com