Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 20Page - Cirrus Logic CS8420 Datasheet HTML 21Page - Cirrus Logic CS8420 Datasheet HTML 22Page - Cirrus Logic CS8420 Datasheet HTML 23Page - Cirrus Logic CS8420 Datasheet HTML 24Page - Cirrus Logic CS8420 Datasheet HTML 25Page - Cirrus Logic CS8420 Datasheet HTML 26Page - Cirrus Logic CS8420 Datasheet HTML 27Page - Cirrus Logic CS8420 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
CS8420
24
DS245PP2
AES/SPDIF/IEC60958 Transmitter and Receiver
Components” on page 70.
9.6
Mono Mode Operation
Currently, the AES3 standard is being updated to
include options for 96 kHz sample rate operation.
One method is to double the frame rate of the cur-
rent format. This results in a 96 kHz sample rate,
stereo signal carried over a single twisted pair ca-
ble. An alternate method is where the 2 sub-frames
in a 48 kHz frame rate AES3 signal are used to car-
ry consecutive samples of a mono signal, resulting
in a 96 kHz sample rate stream. This allows older
equipment, whose AES3 transmitters and receivers
are not rated for 96 kHz frame rate operation, to
handle 96 kHz sample rate information. In this
“mono mode”, 2 AES3 cables are needed for stereo
data transfer. The CS8420 offers mono mode oper-
ation, both for the AES3 receiver and for the AES3
transmitter. Figure 23 shows the operation of mono
mode in comparison with normal stereo mode. The
receiver and transmitter sections may be indepen-
dently set to mono mode via the MMR and MMT
control bits.
The receiver mono mode effectively doubles Fsi
compared to the input frame rate. The clock output
on the RMCK pin tracks Fsi, and so is doubled in
frequency compared to stereo mode. In mono
mode, A and B sub-frames are routed to the SRC
inputs as consecutive samples.
When the transmitter is in mono mode, either A or
B SRC consecutive outputs are routed alternately
to A and B sub-frames in the AES3 output stream.
Which channel status block is transmitted is also
selectable.
For the AES3 input to serial audio port output data
flow, in receiver mono mode, then the receiver will
TCBL
in or out
VLRCK
Tsetup = >7.5% AES3 frame time
Thold = 0
AES3 Transmitter in Stereo Mode
Tsetup = >15% AES3 frame time
Thold = 0
AES3 Transmitter in Mono Mode
TCBL
in or out
VLRCK
U
Input
U
Tsetup
Thold
U
CUV
CUV
CUV
CUV
C, U, V
Input
Tsetup
Thold
VLRCK is a virtual word clock, which may not exist, but is used to illustrate the CUV timing.
VLRCK duty cycle is 50%.
In stereo mode, VLRCK = AES3 frame rate. In mono mode, VLRCK = 2*AES3 frame rate
If the serial audio output port is in master mode, and TCBL is an output, and the SRC is not in use,
then VLRCK = OLRCK.
If the serial audio input port is in master mode, and TCBL is an input, and the SRC is not between
the serial audio input port and the AES3 transmitter, then VLRCK = ILRCK.
Otherwise, VLRCK needs to be externally created, if required
Figure 22. AES3 Transmitter Timing for C, U and V pin input data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com