Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 42Page - Cirrus Logic CS8420 Datasheet HTML 43Page - Cirrus Logic CS8420 Datasheet HTML 44Page - Cirrus Logic CS8420 Datasheet HTML 45Page - Cirrus Logic CS8420 Datasheet HTML 46Page - Cirrus Logic CS8420 Datasheet HTML 47Page - Cirrus Logic CS8420 Datasheet HTML 48Page - Cirrus Logic CS8420 Datasheet HTML 49Page - Cirrus Logic CS8420 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 80 page
background image
CS8420
46
DS245PP2
13. SOFTWARE MODE - PIN DESCRIPTION
The above diagram and the following pin descriptions apply to software mode. In hardware
mode, some pins change their function as described in subsequent sections of this data sheet.
Fixed function pins are marked with a *, and will be described once in this section. Pins marked
with a + are used upon reset to select various start-up options, and require a pull-up or pull-
down resistor.
Power Supply Connections:
VD+ - Positive Digital Power *
Positive supply for the digital section. Nominally +5V.
VA+ - Positive Analog Power *
Positive supply for the analog section. Nominally +5V. This supply should be as quiet as possible since
noise on this pin will directly affect the jitter performance of the recovered clock.
DGND - Digital Ground *
Ground for the digital section. DGND should be connected to the same ground as AGND.
AGND - Analog Ground *
Ground for the analog section. AGND should be connected to the same ground as DGND.
Clock Related Pins:
OMCK - Output Section Master Clock Input
Output section master clock input. The frequency must be 256x, 384x, or 512x the output sample rate
(Fso).
RMCK - Input Section Recovered Master Clock Output
Input section recovered master clock output. Will be at a frequency of 128x or 256x the input sample
rate (Fsi).
FILT - PLL Loop Filter *
An RC network should be connected between this pin and ground. Recommended schematic and
component values are given in the Receiver section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com