Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 51Page - Cirrus Logic CS8420 Datasheet HTML 52Page - Cirrus Logic CS8420 Datasheet HTML 53Page - Cirrus Logic CS8420 Datasheet HTML 54Page - Cirrus Logic CS8420 Datasheet HTML 55Page - Cirrus Logic CS8420 Datasheet HTML 56Page - Cirrus Logic CS8420 Datasheet HTML 57Page - Cirrus Logic CS8420 Datasheet HTML 58Page - Cirrus Logic CS8420 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
CS8420
DS245PP2
55
Audio Output Interface:
SDOUT - Serial Audio Output Port Data Output
Audio data serial output pin. This is also a start-up option pin, and requires a pull-up or pull-down
resistor.
OSCLK - Serial Audio Output Port Bit Clock Input or Output
Serial bit clock for audio data on the SDOUT pin.
OLRCK - Serial Audio Output Port Left/Right Clock Input or Output
Word rate clock for the audio data on the SDOUT pin. The frequency will be at the output sample rate
(Fso).
AES3/SPDIF Transmitter Interface:
TXN, TXP - Differential Line Driver Outputs
Differential line driver outputs, transmitting AES3 type data. Drivers are pulled to low while the CS8420
is in the reset state.
TCBL - Transmit Channel Status Block Start
When operated as output, TCBL is high during the first sub-frame of a transmitted channel status block,
and low at all other times. When operated as input, driving TCBL high for at least three OMCK clocks
will cause the current transmitted sub-frame to be the start of a channel status block.
CUVEN - C, U and V bit Input Enable Mode Input
The CUVEN pin determines how the channel status data, user data and validity bit is input. When
CUVEN is low, hardware mode 2A is selected, where the EMPH/V, COPY/C and ORIG/U pins are used
to enter selected channel status data. When CUVEN is high, hardware 2B is selected, where the
EMPH/V, COPY/C and ORIG/U pins are used to enter serial C, U and V data.
EMPH/V - Pre-emphasis Indicator Input or V bit Input
In mode 2A EMPH/V low sets the 3 EMPH channel status bits to indicate 50/15
µs pre-emphasis.
EMPH/V high sets the 3 EMPH bits to 000 indicating no pre-emphasis. In mode 2B EMPH/V low sets
the V bit to indicate valid audio. EMPH/V high sets the V-bit to indicate non-valid audio.
COPY/C - COPY Channel Status bit Input or C bit Input
In mode 2A, the COPY/C pin determines the state of the COPY, PRO and L Channel Status bits in the
outgoing AES3 type data stream (See Table 7). In mode 2B, COPY/C becomes the direct C bit input
data pin.
ORIG/U - ORIG Channel Status bit Input or U bit Input
In mode 2A, the ORIG/U pin determines the state of the COPY, PRO and L Channel Status bits in the
outgoing AES3 type data stream. (See Table 7). In mode 2B, ORIG/U becomes the direct U bit input
data pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com