Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 8Page - Cirrus Logic CS8420 Datasheet HTML 9Page - Cirrus Logic CS8420 Datasheet HTML 10Page - Cirrus Logic CS8420 Datasheet HTML 11Page - Cirrus Logic CS8420 Datasheet HTML 12Page - Cirrus Logic CS8420 Datasheet HTML 13Page - Cirrus Logic CS8420 Datasheet HTML 14Page - Cirrus Logic CS8420 Datasheet HTML 15Page - Cirrus Logic CS8420 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
CS8420
12
DS245PP2
4.
DATA I/O FLOW AND CLOCKING
OPTIONS
The CS8420 can be configured for nine connectiv-
ity alternatives, called data flows. Each data flow
has an associated clocking set-up. Figure 6 shows
the data flow switching, along with the control reg-
ister bits which control the switches; this drawing
only shows the audio data paths for simplicity.
The AESBP switch allows a TTL level, already bi-
phase mark encoded, data stream connected to
RXP to be routed to the TXP and TXN pin drivers.
The TXOFF switch causes the TXP and TXN out-
puts to be driven to ground.
In modes including the SRC function, there are two
audio data related clock domains. One domain in-
cludes the input side of SRC, plus the attached data
source. The second domain includes the output side
of the SRC, plus any attached output ports.
There are two possible clock sources. The first is
known as the recovered clock, is the output of a
PLL, and is connected to the RCMK pin. The input
to the PLL can be either the incoming AES3 data
stream, or the ILRCK word rate clock from the se-
rial audio input port. The second clock is input via
the OMCK pin, and would normally be a crystal
derived stable clock. The Clock Source Control
Register bits determine which clock is connected to
which domain.
By studying the following drawings, and appropri-
ately setting the Data Flow Control and Clock
Source Control register bits, the CS8420 can be
configured to fit a variety of customer require-
ments.
The following drawings illustrate the possible valid
data flows. The audio data flow is indicated by the
thin lines; the clock routing is indicated by the bold
lines. The register settings for the Data Flow Con-
trol register and the Clock Source Register are also
shown for each data flow. Some of the register set-
tings may appear to be not relevant to the particular
data flow in question, but have been assigned a par-
ticular state. This is done to minimize power con-
sumption. The AESBP data path from the RXP pin
to the AES3 output drivers, and the TXOFF con-
trol, have been omitted for clarity, but are present
and functional in all modes where the AES3 trans-
mitter is in use.
Figures 7 and 8 show audio data entering via the se-
rial audio input port, then passing through the sam-
ple rate converter, and then output both to the serial
audio output port and to the AES3 transmitter. Fig-
ure 7 shows the PLL recovering the input clock
from ILRCK word clock. Figure 8 shows using a
Serial
Audio
Input
AES3
Encoder
Serial
Audio
Output
Receiver
Sample
Rate
Converter
RXP
RXN
ILRCK
ISCLK
SDIN
OLRCK
OSCLK
SDOUT
TXP
TXN
AES3
TXOFF
AESBP
SPD1-0
TXD1-0
SRCD
Figure 6. Software Mode Audio Data Flow Switching Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com