Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 34Page - Cirrus Logic CS8420 Datasheet HTML 35Page - Cirrus Logic CS8420 Datasheet HTML 36Page - Cirrus Logic CS8420 Datasheet HTML 37Page - Cirrus Logic CS8420 Datasheet HTML 38Page - Cirrus Logic CS8420 Datasheet HTML 39Page - Cirrus Logic CS8420 Datasheet HTML 40Page - Cirrus Logic CS8420 Datasheet HTML 41Page - Cirrus Logic CS8420 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
CS8420
38
DS245PP2
11.12 Interrupt 2 Register Mask (12)
The bits of this register serve as a mask for the Interrupt 2 Register. If a mask bit is set to 1, the error
is considered unmasked, meaning that its occurrence will affect the INT pin and the status register. If
a mask bit is set to 0, the error is considered masked, meaning that its occurrence will not affect the
INT pin or the status register. The bit positions align with the corresponding bits in Interrupt Register
2. This register defaults to 00.
11.13 Interrupt Register 2 Mode Registers MSB & LSB(13,14)
The two Interrupt Mode registers form a 2-bit code for each Interrupt 2 register function. This code
determines whether the INT pin is set active on the arrival of the interrupt condition, on the removal
of the interrupt condition, or on the continuing occurrence of the interrupt condition. These registers
default to 00.
00 - Rising edge active
01 - Falling edge active
10 - Level active
11 - Reserved
7
6
5
4
3210
0
0
VFIFOM
REUNLOCKM
DETUM
EFTUM
QCHM
UOVWM
7
6
5
4
3210
0
0
VFIFO1
REUNLOCK1
DETU1
EFTU1
QCH1
UOVW1
0
0
VFIFO0
REUNLOCK0
DETU0
EFTU0
QCH0
UOVW0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com