Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 46Page - Cirrus Logic CS8420 Datasheet HTML 47Page - Cirrus Logic CS8420 Datasheet HTML 48Page - Cirrus Logic CS8420 Datasheet HTML 49Page - Cirrus Logic CS8420 Datasheet HTML 50Page - Cirrus Logic CS8420 Datasheet HTML 51Page - Cirrus Logic CS8420 Datasheet HTML 52Page - Cirrus Logic CS8420 Datasheet HTML 53Page - Cirrus Logic CS8420 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 80 page
background image
CS8420
50
DS245PP2
14.2
Hardware Mode 1 Description
(DEFAULT Data Flow, AES3 Input)
Hardware Mode 1 data flow is shown in Figure 26.
Audio data is input via the AES3 receiver, and rate
converted. The audio data at the new rate is then
output both via the serial audio output port and via
the AES3 transmitter.
The channel status data, user data and validity bit
information are handled in 2 alternative modes: 1A
and 1B, determined by a start-up resistor on the
COPY pin. In mode 1A, the received PRO, COPY,
ORIG, EMPH, and AUDIO channel status bits are
output on pins. The transmitted channel status bits
are copied from the received channel status data,
and the transmitted U and V bits are 0.
In mode 1B, only the COPY and ORIG pins are
output, and reflect the received channel status data.
The transmitted channel status bits, user data and
validity bits are input serially via the PRO/C, EM-
PH/U and AUDIO/V pins. Figure 22 shows the
timing requirements.
Start-up options are shown in Table 6, and allow
choice of the serial audio output port as a master or
slave, choice of 4 serial audio output port formats,
and the source for transmitted C, U and V data. The
following pages contain the detailed pin descrip-
tions for hardware mode 1.
If a validity, parity, bi-phase or lock receiver error
occurs, the current audio sample will be held.
AES3
Encoder
&Tx
Serial
Audio
Output
AES3 Rx
&
Decoder
Sample
Rate
Converter
C & U bit Data Buffer
Clocked by
Output Clock
Clocked by
Input Derived Clock
RXP
RXN
OLRCK
OSCLK
SDOUT
TXP
TXN
RMCK
RERR
COPY ORIG EMPH/U
TCBLD
PRO/C
AUDIO/V
TCBL
MUTE
DFC0
DFC1
S/AES
VD+
H/S
Output
Clock
Source
OMCK
Power supply pins (VD+, VA+, DGND, AGND), the reset pin (RST) and the PLL filter pin (FILT)
are omitted from this diagram. Please refer to the Typical Connection Diagram for hook-up details.
Figure 26. Hardware Mode 1 - Default Data Flow, AES3 Input
SDOUT RMCK RERR COPY
Function
LO
-
-
-
Serial Output Port is Slave
HI
-
-
-
Serial Output Port is Master
-
-
-
LO
Mode1A: C transmitted data
is copied from received data,
U & V = 0, received PRO,
EMPH, AUDIO are visible.
-
-
-
HI
Mode 1B: CUV transmitted
data is input serially on pins,
received PRO, EMPH,
AUDIO are not visible
-
LO
LO
Serial Output Format OF1
-
LO
HI
Serial Output Format OF2
-
HI
LO
Serial Output Format OF3
-
HI
HI
Serial Output Format OF4
Table 6. Hardware Mode 1 Start-up Options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com