Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 59Page - Cirrus Logic CS8420 Datasheet HTML 60Page - Cirrus Logic CS8420 Datasheet HTML 61Page - Cirrus Logic CS8420 Datasheet HTML 62Page - Cirrus Logic CS8420 Datasheet HTML 63Page - Cirrus Logic CS8420 Datasheet HTML 64Page - Cirrus Logic CS8420 Datasheet HTML 65Page - Cirrus Logic CS8420 Datasheet HTML 66Page - Cirrus Logic CS8420 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
CS8420
DS245PP2
63
AES3/SPDIF Transmitter Interface:
TXN, TXP - Differential Line Driver Outputs
Differential line driver outputs, transmitting AES3 type data. Drivers are pulled to low while the CS8420
is in the reset state.
TCBL - Transmit Channel Status Block Start
When operated as output, TCBL is high during the first sub-frame of a transmitted channel status block,
and low at all other times. When operated as input, driving TCBL high for at least three RMCK clocks
will cause the current transmitted sub-frame to be the start of a channel status block.
AES3/SPDIF Receiver Interface:
RXP, RXN - Differential Line Receiver Inputs
Differential line receiver inputs, carrying AES3 type data.
RMCK - Input Section Recovered Master Clock Output
Input section recovered master clock output. Will be at a frequency of 256x the input sample rate (Fsi).
This is also a start-up option pin, and requires a pull-up or pull-down resistor.
RERR - Receiver Error Indicator Output
When high, indicates a problem with the operation of the AES3 receiver. The status of this pin is
updated once per sub-frame of incoming AES3 data. Conditions that cause RERR to go high are: parity
error, and bi-phase coding error, as well as loss of lock in the PLL. This is also a start-up option pin,
and requires a pull-up or pull-down resistor.
EMPH/U - Pre-emphasis Indicator Output or U-bit Data Input
The EMPH/U pin either reflects the state of the EMPH channel status bit in the incoming AES3 type
data stream, or is the serial U-bit input for the AES3 type transmitted data, clocked by OLRCK. If
indicating emphasis EMPH/U is high when the incoming data indicates 50/15
µs pre-emphasis and low
otherwise.
COPY - Copy Channel Status bit Output
The COPY pin reflects the state of the COPY Channel Status bit in the incoming AES3 type data
stream. This is also a start-up option pin, and requires a pull-up or pull-down resistor.
ORIG - Original Channel Status Output
SCMS generation indicator. This is decoded from the incoming category code and the L bit. A low
output indicates that the audio data stream is 1st generation or higher. A high indicates that the audio
data stream is original. This is also a start-up option pin, and requires a pull-up or pull-down resistor.
PRO/C - Professional Channel Status bit Output or C-bit Data Input
The PRO/C pin either reflects the state of the Professional/Consumer Channel Status bit in the incoming
AES3 type data stream, or is the serial C-bit input for the AES3 type transmitted data, clocked by
OLRCK.
AUDIO/V - Audio Channel Status bit Output or V-bit Data Input
The AUDIO/V pin either reflects the state of the audio/non audio Channel Status bit in the incoming
AES3 type data stream, or is the V-bit data input for the AES3 type transmitted data stream, clocked by
OLRCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com