Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 28Page - Cirrus Logic CS8420 Datasheet HTML 29Page - Cirrus Logic CS8420 Datasheet HTML 30Page - Cirrus Logic CS8420 Datasheet HTML 31Page - Cirrus Logic CS8420 Datasheet HTML 32Page - Cirrus Logic CS8420 Datasheet HTML 33Page - Cirrus Logic CS8420 Datasheet HTML 34Page - Cirrus Logic CS8420 Datasheet HTML 35Page - Cirrus Logic CS8420 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
CS8420
32
DS245PP2
11.4
Data Flow Control (3)
The Data Flow Control register configures the flow of audio data to/from the following blocks: Serial
Audio Input Port, Serial Audio Output Port, AES3 receiver, AES3 transmitter, and Sample Rate Con-
verter. In conjunction with the Clock Source Control register, multiple Receiver/Transmitter/Trans-
ceiver modes may be selected. The output data should be muted prior to changing bits in this register
to avoid transients.
AMLL
Auto Mutes the SRC data sink when Receiver lock is lost, zero data is transmitted. The SRC
data sink may be either, or both, the Transmitter and the Serial Audio Output Port.
0 - Disables Auto Mute on loss of lock (default)
1 - Enables Auto Mute on loss of lock
TXOFF
AES3 Transmitter Output Driver Control
0 - AES3 transmitter output pin drivers normal operation (default)
1 - AES3 transmitter output pin drivers drive to 0V.
AESBP
AES3 bypass mode selection
0 - normal operation
1 - Connect the AES3 transmitter driver input directly to the RXP pin, which become
a normal TTL threshold digital input.
TXD1 - TXD0
AES3 Transmitter Data Source
00 - SRC output (default)
01 - Serial audio input port
10 - AES3 receiver
11 - Reserved
SPD1 - SPD0
Serial Audio Output Port Data Source
00 - SRC output (default)
01 - Serial Audio Input Port
10 - AES3 receiver
11 - Reserved
SRCD
Input Data Source for SRC
0 - Serial Audio Input Port (default)
1 - AES3 Receiver
7
6
5
4
3210
AMLL
TXOFF
AESBP
TXD1
TXD0
SPD1
SPD0
SRCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com