Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 45Page - Cirrus Logic CS8420 Datasheet HTML 46Page - Cirrus Logic CS8420 Datasheet HTML 47Page - Cirrus Logic CS8420 Datasheet HTML 48Page - Cirrus Logic CS8420 Datasheet HTML 49Page - Cirrus Logic CS8420 Datasheet HTML 50Page - Cirrus Logic CS8420 Datasheet HTML 51Page - Cirrus Logic CS8420 Datasheet HTML 52Page - Cirrus Logic CS8420 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
CS8420
DS245PP2
49
14. HARDWARE MODES
14.1
Overall Description
The CS8420 has six hardware modes, which allow
use of the device without using a micro-controller
to access the device control registers and CS & U
data. The flexibility of the CS8420 is necessarily
limited in hardware mode. Various pins change
function in hardware mode, and various data paths
are also possible. These alternatives are identified
by hardware mode numbers 1 through 6. The fol-
lowing sections describe the data flows and pin def-
initions for each hardware mode.
14.1.1
Hardware Mode Definitions
Hardware mode is selected by connecting the H/S
pin to ‘1’. In hardware mode, 3 pins (DFC0, DFC1
& S/AES) determine the hardware mode number,
according to Table 3Start-up options are used ex-
tensively in hardware mode. Options include
whether the serial audio output ports are master or
slave, the serial audio ports’ format and whether
TCBL is an input or an output. Which output pins
are used to set which modes depends on which
hardware mode is being used.
14.1.2
Serial Audio Port Formats
In hardware mode, only a limited number of alter-
native serial audio port formats are available. These
formats are described by Tables 4 & 5, which de-
fine the equivalent software mode bit settings for
each format. Timing diagrams are shown in Figures
16 and 17.
For each hardware mode, the following pages con-
tain a data flow diagram, a pin-out drawing, a pin
descriptions list and a definition of the available
start-up options.
DFC1 DFC0 S/AES
Hardware Mode Number
0
0
0
1 - Default Data Flow, AES3 input
0
0
1
2 - Default Data Flow, serial input
0
1
-
3 - Transceive Flow, with SRC
1
0
-
4 - Transceive Flow, no SRC
1
1
0
5 - AES3 Rx only, AES3 input
1
1
1
6 - AES3 Tx only, serial input
Table 3. Hardware Mode Definitions
SOSF SORES1/0 SOJUST SODEL SOSPOL SOLRPOL
OF1 - Left Justified
0
00
0
0
1
0
OF2 - I2S 24-bit data
000
0
1
0
1
OF3 - Right Justified, master
mode only
000
1
0
0
0
OF4 - I2S 16 bit data
010
0
1
0
1
OF5 - Direct AES3 data
0
11
0
0
1
0
Table 4. Serial Audio Output Formats Available in Hardware Mode
SISF
SIRES1/0 SIJUST
SIDEL
SISPOL
SILRPOL
IF1 - Left Justified
0
00
0
0
1
0
IF2 - I2S
000
0
1
0
1
IF3 - Right Justified
24-bit data
000
1
0
0
0
IF4 - Right Justified
16-bit data
010
1
0
0
0
Table 5. Serial Audio Input Formats Available in Hardware Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com