Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 52Page - Cirrus Logic CS8420 Datasheet HTML 53Page - Cirrus Logic CS8420 Datasheet HTML 54Page - Cirrus Logic CS8420 Datasheet HTML 55Page - Cirrus Logic CS8420 Datasheet HTML 56Page - Cirrus Logic CS8420 Datasheet HTML 57Page - Cirrus Logic CS8420 Datasheet HTML 58Page - Cirrus Logic CS8420 Datasheet HTML 59Page - Cirrus Logic CS8420 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 80 page
background image
CS8420
56
DS245PP2
14.4
Hardware Mode 3 Description
(Transceive Data Flow, with SRC)
Hardware Mode 3 data flow is shown in Figure 28.
Audio data is input via the AES3 receiver, and rate
converted. The audio data at the new rate is then
output via the serial audio output port. Different au-
dio data, synchronous to OMCK, may be input into
the serial audio input port, and output via the AES3
transmitter.
The channel status data, user data and validity bit
information are handled in 2 alternative modes: 3A
and 3B, determined by a start-up resistor on the
COPY pin. In mode 3A, the received PRO, COPY,
ORIG, and AUDIO channel status bits are output
on pins. The transmitted channel status bits are
copied from the received channel status data, and
the transmitted U and V bits are 0.
In mode 3B, only the COPY and ORIG pins are
output, and reflect the received channel status data.
The transmitted channel status bits, user data and
validity bits are input serially via the PRO/C, EM-
PH/U and AUDIO/V pins. Figure 22 shows the
timing requirements.
The serial audio input port is always a slave.
If a validity, parity, bi-phase or lock receiver error
occurs, the current audio sample will be held.
Start-up options are shown in Table 10, and allow
choice of the serial audio output port as a master or
slave, whether TCBL is an input or an output, the
serial audio ports formats and the source of the
transmitted C, U and V data.
The following pages contain the detailed pin de-
scriptions for hardware mode 3.
AES3
Encoder
&Tx
Serial
Audio
Output
AES3 Rx
&
Decoder
Sample
Rate
Converter
C& U bit Data Buffer
Clocked by
Output Clock
Clocked by
Input Derived Clock
RXP
RXN
OLRCK
OSCLK
SDOUT
TXP
TXN
RMCK RERR
COPY ORIG EMPH/U AUDIO/V TCBL
DFC0
DFC1
VD+
H/S
Output
Clock
Source
OMCK
Power supply pins (VD+, VA+, DGND, AGND) & the reset pin (RST) and the PLL filter pin (FILT)
are omitted from this diagram. Please refer to the Typical Connection Diagram for hook-up details.
VD+
Serial
Audio
Input
ILRCK
ISCLK
SDIN
PRO/C
Figure 28. Hardware Mode 3 - Transceive Data Flow, with SRC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com