Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 67Page - Cirrus Logic CS8420 Datasheet HTML 68Page - Cirrus Logic CS8420 Datasheet HTML 69Page - Cirrus Logic CS8420 Datasheet HTML 70Page - Cirrus Logic CS8420 Datasheet HTML 71Page - Cirrus Logic CS8420 Datasheet HTML 72Page - Cirrus Logic CS8420 Datasheet HTML 73Page - Cirrus Logic CS8420 Datasheet HTML 74Page - Cirrus Logic CS8420 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
CS8420
DS245PP2
71
ries with each input pin (RXP and RXN) as shown
in Figure 36. However, if a transformer is not used,
high frequency energy could be coupled into the re-
ceiver, causing degradation in analog performance.
Figures 35 and 36 show an optional DC blocking
capacitor (0.1
µF to 0.47 µF) in series with the ca-
ble input. This improves the robustness of the re-
ceiver, preventing the saturation of the transformer,
or any DC current flow, if a DC voltage is present
on the cable.
In the configuration of systems, it is important to
avoid ground loops and DC current flowing down
the shield of the cable that could result when boxes
with different ground potentials are connected.
Generally, it is good practice to ground the shield
to the chassis of the transmitting unit, and connect
the shield through a capacitor to chassis ground at
the receiver. However, in some cases it is advanta-
geous to have the ground of two boxes held to the
same potential, and the cable shield might be de-
pended upon to make that electrical connection.
Generally, it may be a good idea to provide the op-
tion of grounding or capacitively coupling the
shield to the chassis.
In the case of the consumer interface, the standards
call for an unbalanced circuit having a receiver im-
pedance of 75
Ω ±5%. The connector for the con-
sumer interface is an RCA phono socket. The
receiver circuit for the consumer interface is shown
in Figure 37.
The circuit shown in Figure 38 may be used when
external RS422 receivers, optical receivers or other
TTL/CMOS logic outputs drive the CS8420 receiv-
er section.
15.3
Isolating Transformer Requirements
The transformer should be capable of operating
from 1.5 to 14 MHz, which is equivalent to an au-
dio data rate of 25 kHz to 108 kHz after bi-phase
mark encoding. Transformers provide isolation
from ground loops, 60Hz noise, and common mode
noise and interference. One of the important con-
siderations when choosing transformers is mini-
mizing shunt capacitance between primary and
secondary windings. The higher the shunt capaci-
tance, the lower the isolation between primary and
secondary, and the more coupling of high frequen-
cy energy. This energy appears in the form of com-
mon mode noise on the receive side ground and has
the potential to degrade analog performance.
Therefore, for best performance, shielded trans-
formers optimized for minimum shunt capacitance
should be used. See Application Note 134 for a se-
lection of manufacturers and their part numbers.
1
XLR
Twisted
Pair
110
Ω
110
Ω
CS8420
RXP
RXN
*See Text
Figure 35. Professional Input Circuit
1
XLR
Twisted
Pair
110
Ω
110
Ω
CS8420
RXP
RXN
0.01 F
µ
0.01 F
µ
*See Text
Figure 36. Transformerless Professional Input Circuit
RCA Phono
RXP
RXN
CS8420
Coax
75
Ω
75
Ω
0.01 F
µ
0.01 F
µ
Figure 37. Consumer Input Circuit
RXP
RXN
CS8420
0.01 F
µ
0.01 F
µ
TTL/CMOS
Gate
Figure 38. TTL/CMOS Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com