Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 15Page - Cirrus Logic CS8420 Datasheet HTML 16Page - Cirrus Logic CS8420 Datasheet HTML 17Page - Cirrus Logic CS8420 Datasheet HTML 18Page - Cirrus Logic CS8420 Datasheet HTML 19Page - Cirrus Logic CS8420 Datasheet HTML 20Page - Cirrus Logic CS8420 Datasheet HTML 21Page - Cirrus Logic CS8420 Datasheet HTML 22Page - Cirrus Logic CS8420 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
CS8420
DS245PP2
19
7.
AES3 TRANSMITTER AND
RECEIVER
The CS8420 includes an AES3 type digital audio
receiver and an AES3 type digital audio transmit-
ter. A comprehensive buffering scheme provides
read/write access to the channel status and user da-
ta. This buffering scheme is described in the Ap-
pendix: Channel Status and User Data Buffer
Management on page 72.
7.1
AES3 Receiver
The AES3 receiver accepts and decodes audio and
digital data according to the AES3, IEC60958
(S/PDIF), and EIAJ CP-1201 interface standards.
The receiver consists of a differential input stage,
accessed via pins RXP and RXN, a PLL based
clock recovery circuit, and a decoder which sepa-
rates the audio data from the channel status and
user data.
External components are used to terminate and iso-
late the incoming data cables from the CS8420.
These components are detailed in the Appendix
“External AES/SPDIF/IEC60958 Transmitter and
Receiver Components” on page 70.
7.1.1
PLL, Jitter Attenuation, and
Varispeed
An on-chip Phase Locked Loop (PLL) is used to re-
cover the clock from the incoming data stream. Al-
though the on-chip sample rate converter is
immune to large amounts of jitter, there are some
applications where low jitter in the recovered
clock, presented on the RMCK pin, is important.
For this reason, the PLL has been designed to have
good jitter attenuation characteristics, shown in
Figures 18, 19 & 20. In addition, the PLL has been
designed to only use the preambles of the AES3
stream to provide lock update information to the
PLL. This results in the PLL being immune to data
dependent jitter affects, since the AES3 preambles
do not vary with the data. The PLL has the ability
to lock onto a wide range of input sample rates,
with no external component changes. If the sample
rate of the input subsequently changes, for example
in a varispeed application, then the PLL will only
track up to ±12.5% from the nominal center sample
rate. The nominal center sample rate is the sample
rate that the PLL first locks onto upon application
of an AES3 data stream, or after enabling the
CS8420 clocks by setting the RUN control bit. If
the 12.5% sample rate limit is exceeded, the PLL
will return to its wide lock range mode, and re-ac-
quire a new nominal center sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com