Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 67 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 63Page - Cirrus Logic CS8420 Datasheet HTML 64Page - Cirrus Logic CS8420 Datasheet HTML 65Page - Cirrus Logic CS8420 Datasheet HTML 66Page - Cirrus Logic CS8420 Datasheet HTML 67Page - Cirrus Logic CS8420 Datasheet HTML 68Page - Cirrus Logic CS8420 Datasheet HTML 69Page - Cirrus Logic CS8420 Datasheet HTML 70Page - Cirrus Logic CS8420 Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
CS8420
DS245PP2
67
14.7
Hardware Mode 6 Description
(AES3 Transmitter Only)
Hardware Mode 6 data flow is shown in Figure 31.
Audio data is input via the serial audio input port
and routed to the AES3 transmitter.
The transmitted channel status, user and validity
data may be input in 2 alternative methods, deter-
mined by the state of the CEN pin. Mode 6A is se-
lected when the CEN pin is low. In mode 6A, the
user data and validity bit are input via the U and V
pins, clocked by both edges of ILRCK. The chan-
nel status data is derived from the state of the
COPY/C, ORIG, EMPH, and AUDIO pins. Table
13 shows how the COPY/C and ORIG pins map to
channel status bits. In consumer mode, the trans-
mitted category code shall be set to Sample Rate
Converter (0101100).
Mode 6B is selected when the CEN pin is high. In
mode 6B, the channel status, user data and validity
bit are input serially via the COPY/C, U and V pins.
These pins are clocked by both edges of ILRCK (if
the port is in master mode). Figure 22 shows the
timing requirements.
The channel status block pin (TCBL) may be an in-
put or an output, determined by the state of the
TCBLD pin. The serial audio input port data format
is selected as shown in Table 14, and may be set to
master or slave by the state of the APMS input pin.
The following pages contain the detailed pin de-
scriptions for hardware mode 6.
AES3
Encoder
&Tx
Serial
Audio
Input
C, U, V Data Buffer
ILRCK
ISCLK
TXP
COPY/C ORIG EMPH AUDIO TCBL
DFC0
DFC1
S/AES
VD+
H/S
Output
Clock
Source
OMCK
Power supply pins (VD+, VA+, DGND, AGND) & the reset pin (RST)
are omitted from this diagram. Please refer to the Typical Connection Diagram for hook-up details.
VD+
SDIN
SFMT1 SFMT0
VD+
FILT
TXN
CEN
U
V
VD+
TCBLD
APMS
Figure 31. Hardware Mode 6 - AES3 Transmitter Only
COPY/C ORIG
Function
00
PRO=0, COPY=0, L=0
01
PRO=0, COPY=0, L=1
10
PRO=0, COPY=1, L=0
11
PRO=1
Table 13. HW 6C COPY/C and ORIG pin function
SFMT1 SFMT0
Function
00
Serial Input Format IF1
01
Serial Input Format IF2
10
Serial Input Format IF3
11
Serial Input Format IF4
Table 14. HW 6 Serial Audio Port Format Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com