Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS8420
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS8420 Datasheet HTML 36Page - Cirrus Logic CS8420 Datasheet HTML 37Page - Cirrus Logic CS8420 Datasheet HTML 38Page - Cirrus Logic CS8420 Datasheet HTML 39Page - Cirrus Logic CS8420 Datasheet HTML 40Page - Cirrus Logic CS8420 Datasheet HTML 41Page - Cirrus Logic CS8420 Datasheet HTML 42Page - Cirrus Logic CS8420 Datasheet HTML 43Page - Cirrus Logic CS8420 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
CS8420
40
DS245PP2
11.15 Receiver Error (16) (Read Only)
This register contains the AES3 receiver and PLL status bits. Unmasked bits will go high on occur-
rence of the error, and will stay high until the register is read. Reading the register resets all bits to 0,
unless the error source is still true. Bits that are masked off in the receiver error mask register will
always be 0 in this register. This register defaults to 00.
QCRCQ-subcode data CRC error has occurred. Updated on Q-subcode block boundaries.
0 - No error
1 - Error
CCRCChannel Status Block Cyclic Redundancy Check bit. Updated on CS block boundaries.
This bit is valid in professional mode only.
0 - No error
1 - Error
UNLOCK
PLL lock status bit. Updated on CS block boundaries.
0 - PLL locked
1 - PLL out of lock
V
Received AES3 Validity bit status. Updated on sub-frame boundaries.
0 - Data is valid and is normally linear coded PCM audio
1 - Data is invalid, or may be valid compressed audio
CONF
Confidence bit. Updated on sub-frame boundaries.
0 - No error
1 - Confidence error. This indicates that the received data eye opening is less than
half a bit period, indicating a poor link that is not meeting specifications.
BIP
Bi-phase error bit. Updated on sub-frame boundaries.
0 - No error
1 - Bi-phase error. This indicates an error in the received bi-phase coding.
PAR
Parity bit. Updated on sub-frame boundaries.
0 - No error
1 - Parity error
11.16 Receiver Error Mask (17)
The bits in this register serve as masks for the corresponding bits of the Receiver Error Register. If a
mask bit is set to 1, the error is considered unmasked, meaning that its occurrence will appear in the
receiver error register, will affect the RERR pin, will affect the RERR interrupt, and will affect the cur-
rent audio sample according to the status of the HOLD bit. If a mask bit is set to 0, the error is con-
sidered masked, meaning that its occurrence will not appear in the receiver error register, will not
affect the RERR pin, will not affect the RERR interrupt, and will not affect the current audio sample.
The CCRC and QCRC bits behave differently from the other bits: they do not affect the current audio
sample even when unmasked. This register defaults to 00.
7
6
5
4
3210
0
QCRC
CCRC
UNLOCK
V
CONF
BIP
PAR
7
6
5
4
3210
0
QCRCM
CCRCM
UNLOCKM
VM
CONFM
BIPM
PARM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com